Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA6203G-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA6203G-SH2-R
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA6203G-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PA6203G-SH2-R Datasheet HTML 1Page - Unisonic Technologies PA6203G-SH2-R Datasheet HTML 2Page - Unisonic Technologies PA6203G-SH2-R Datasheet HTML 3Page - Unisonic Technologies PA6203G-SH2-R Datasheet HTML 4Page - Unisonic Technologies PA6203G-SH2-R Datasheet HTML 5Page - Unisonic Technologies PA6203G-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PA6203
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-A16.a
PIN CONFIGURATION
1
2
3
4
5
6
7
8
GND
SHUTDOWN
BYPASS
IN+
IN-
VO-
GND
VDD
VO+
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
SHUTDOWN Shutdown terminal (active low logic)
2
BYPASS
Mid-supply voltage, adding a bypass capacitor improves PSRR
3
IN+
Positive differential input
4
IN-
Negative differential input
5
VO+
Positive BTL output
6
VDD
Supply voltage terminal
7
GND
High-current ground
8
VO−
Negative BTL output
Thermal Pad
Connect to ground. Thermal Pad must be soldered down in all applications to properly
secure device on the PCB.
BLOCK DIAGRAM
SHUTDOWN
C(BYPASS)
(optional)
+
-
6 VDD
5 VO+
8 V
O-
7 GND
3
IN+
4
IN-
Bias
Circuitry
2
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com