Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA6204G-SM1-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA6204G-SM1-R
Description  1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA6204G-SM1-R Datasheet(HTML) 5 Page - Unisonic Technologies

  PA6204G-SM1-R Datasheet HTML 1Page - Unisonic Technologies PA6204G-SM1-R Datasheet HTML 2Page - Unisonic Technologies PA6204G-SM1-R Datasheet HTML 3Page - Unisonic Technologies PA6204G-SM1-R Datasheet HTML 4Page - Unisonic Technologies PA6204G-SM1-R Datasheet HTML 5Page - Unisonic Technologies PA6204G-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PA6204
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-854.a
TYPICAL APPLICATION CIRCUIT
Table 1. Typical Component Values
COMPONENT
VALUE
UNIT
RI
40
kΩ
C(BYPASS) (Note 1)
0.22
µF
CS
1
µF
CI
0.22
µF
Note: 1. C(BYPASS) is optional
SHUTDOWN
C(BYPASS)
(Note 1)
Note 1. C(BYPASS) is optional.
RI
RI
4
40kΩ
IN-
IN+
3
2
1
VDD
VO+
VO-
GND
Bias
Circuitry
40kΩ
+
-
6
5
8
7
CS
To Battery
In From
DAC
-
+
Figure 1. Typical Differential Input Application Schematic
SHUTDOWN
C(BYPASS)
(Note 1)
Note 1. C(BYPASS) is optional.
RI
RI
4
40kΩ
IN-
IN+
3
2
1
VDD
VO+
VO-
GND
Bias
Circuitry
40kΩ
+
-
6
5
8
7
CS
To Battery
CI
CI
-
+
Figure 2. Differential Input Application Schematic Optimized With Input Capacitors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com