Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA7468L-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA7468L-S16-R
Description  STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7468L-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PA7468L-S16-R Datasheet HTML 1Page - Unisonic Technologies PA7468L-S16-R Datasheet HTML 2Page - Unisonic Technologies PA7468L-S16-R Datasheet HTML 3Page - Unisonic Technologies PA7468L-S16-R Datasheet HTML 4Page - Unisonic Technologies PA7468L-S16-R Datasheet HTML 5Page - Unisonic Technologies PA7468L-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PA7468
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-322.b
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
MUTE
SHUTDOWN
RIN-
BYPASS
GND
LIN-
VOLUME
VOLMAX
LOUT-
VDD
LOUT +
GND
SE/BTL
ROUT+
VDD
ROUT-
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
MUTE
Input pin for mute controlling: low for normal operation; high to mute.
2
SHUTDOWN
When this pin is pulled low the chip will be into shutdown mode. ISD= 1μA
3
RIN-
Right channel input pin
4
BYPASS
Pin for bias voltage generator
5.12
GND
Ground
6
LIN-
Left channel input pin
7
VOLUME
Volume gain setting input signal.
8
VOLMAX
Pin for setting the maximum output swing. Inputting VC to this pin, the output
voltage swing will be clamped between VOH- VC & VOL + VC. Connecting GND to
this pin will disable the function.
For this pin, the max input voltage must be ≤1/2 VDD.
9
LOUT-
Left channel’s negative output in BTL mode; high impedance in SE mode.
10, 15
VDD
Supply voltage
11
LOUT+
Left channel’s positive output in BTL mode and SE mode
13
SE/ BTL
Output mode control input, high :SE output mode ,low :for BTL mode.
14
ROUT+
Right channel’s positive output in BTL mode and SE mode
16
ROUT-
Right channel’s negative output in BTL mode ;high impedance in SE mode.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com