Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA7469-S16-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # PA7469-S16-R
Description  STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7469-S16-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button PA7469-S16-R Datasheet HTML 4Page - Unisonic Technologies PA7469-S16-R Datasheet HTML 5Page - Unisonic Technologies PA7469-S16-R Datasheet HTML 6Page - Unisonic Technologies PA7469-S16-R Datasheet HTML 7Page - Unisonic Technologies PA7469-S16-R Datasheet HTML 8Page - Unisonic Technologies PA7469-S16-R Datasheet HTML 9Page - Unisonic Technologies PA7469-S16-R Datasheet HTML 10Page - Unisonic Technologies PA7469-S16-R Datasheet HTML 11Page - Unisonic Technologies PA7469-S16-R Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PA7469
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 12
www.unisonic.com.tw
QW-R502-201.A
TYPICAL CHARACTERISTICS(Cont.)
Crosstalk vs. Frequency
20
0
100
1k
10k 20k
Frequency (Hz)
-120
VDD=5V
RL=4Ω
POUT=1.5W
BTL
Right to Left
Left to Right
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
Crosstalk vs. Frequency
20
0
100
1k
10k 20k
Frequency (Hz)
-100
VDD=5V
RL=32Ω
CO=1000µF
POUT=65mW
SE
Right to Left
Left to Right
-90
-80
-70
-60
-50
-40
-30
-20
-10
Output Noise Voltage vs. Frequency
20
100
1k
10k 20k
Frequency (Hz)
1u
Filter BW<22KHz
A-Weight
10u
20u
100u
VDD=5V
AV=6dB
RL=4Ω
BTL
Output Noise Voltage vs. Frequency
20
100
1k
10k 20k
Frequency (Hz)
1u
Filter BW<22KHz
10u
20u
100u
VDD=5V
AV=0dB
RL=32Ω
SE
A-Weight
PSRR vs. Frequency
20
100
1k
10k 20k
Frequency (Hz)
-100
-50
-40
0
-90
-80
-70
-60
-30
-20
-10
PSRR vs. Frequency
20
100
1k
10k 20k
Frequency (Hz)
-100
-50
-40
0
-90
-80
-70
-60
-30
-20
-10
VDD=5V
RL=32Ω
VIN=200mV
AV=14dB
SE
VDD=5V
RL=4Ω
VIN=200mV
AV=20dB
BTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com