Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA7469L-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA7469L-S16-R
Description  STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA7469L-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA7469L-S16-R Datasheet HTML 1Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 2Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 3Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 4Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 5Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 6Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 7Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 8Page - Unisonic Technologies PA7469L-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PA7469
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 12
www.unisonic.com.tw
QW-R502-201.A
ABSOLUTE MAXIMUM RATINGS
(Over operating free-air temperature range unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ 6
V
Input Voltage , SE/BTL, SHUTDOWN
VIN
-0.3 ~ VDD+0.3
V
Power Dissipation
PD
Internal Limited
Junction Temperature
TJ
Internal Limited(Note1)
℃
Operating Temperature
TOPR
-40 ~ 85
℃
Storage Temperature
TSTG
-65~ +150
℃
Note: 1. That integrated internal thermal shutdown protection when junction temperature ramp up to 150℃
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient in Free Air
θJA
45
℃
/W
OPERATING CONDITIONS RECOMMENDED
PARAMETER
SYMBOL
MIN
TYP
MAX
UNI
Supply Voltage
VDD
4.5
5.5
V
SHUTDOWN
2
V
High Level Threshold Voltage
SE/BTL
VIH
4
V
SHUTDOWN
1.0
V
Low Level Threshold Voltage
SE/BTL
VIL
3
V
Common Mode Input Voltage
VI(CM)
VDD -1.0
V
ELECTRICAL CHARACTERISTICS VDD=5V, -20℃<TA<85℃ (unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
4.5
5.5
V
SE/BTL=0V
9
20
mA
Supply Current
IDD
SE/BTL=5V
4
10
mA
Supply Current in Shutdown Mode
ISD
SE/BTL=0V
SHUTDOWN=0V
1
μA
High
IIH
900
nA
input Current
Low
IIL
900
nA
Output Differential Voltage
VOS
5
mV
BTL Mode
VDD=5V, TA=25℃,RL=4Ω, Gain=2dB
THD=10%, RL=3Ω, FIN=1kHz
2.9
W
THD=10%, RL=4Ω, FIN=1kHz
2.6
W
THD=10%, RL=8Ω, FIN=1kHz
1.6
W
THD=1%, RL=3Ω, FIN=1kHz
2.4
W
THD=1%, RL=4Ω, FIN=1kHz
1.8
W
Maximum Output Power
POUT
THD=0.5%, RL=8Ω, FIN=1kHz
1
1.3
W
POUT=1.2W, RL=4Ω, FIN=1kHz
0.07
%
Total Harmonic Distortion Plus Noise
THD+N
POUT=0.9W, RL=8Ω, FIN=1kHz
0.08
%
Power Ripple Rejection Ratio(Note1)
PSRR
VIN=0.1Vrms,RL=8Ω,CB=1μF,
Fin=120Hz
60
dB
Channel Separation
Xtalk
CB=1mF, RL=8Ω, FIN=1kHz
90
dB
Signal to Noise Ratio
S/N
POUT =1.1W, RL=8Ω, A_wieght
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com