Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBA820ML-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TBA820ML-S08-R
Description  1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TBA820ML-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TBA820ML-S08-R Datasheet HTML 1Page - Unisonic Technologies TBA820ML-S08-R Datasheet HTML 2Page - Unisonic Technologies TBA820ML-S08-R Datasheet HTML 3Page - Unisonic Technologies TBA820ML-S08-R Datasheet HTML 4Page - Unisonic Technologies TBA820ML-S08-R Datasheet HTML 5Page - Unisonic Technologies TBA820ML-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO.,
TBA820M
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R107-008.D
1.2W AUDIO POWER
AMPLIFIER
DESCRIPTION
The UTC TBA820M is a monolithic integrated audio
amplifier. It is designed for audio frequency class b amplifier.
FEATURES
*Wide operating supply voltage: Vcc=3~14V
*Medium output power
POUT=1.2W at Vcc=9V,RL=8Ω, THD=10%
*Low quiescent circuit current: IQ=4mA(type)
*Good ripple rejection.
*Minimum number of external parts required.
DIP-8
SOP-8
ORDERING INFORMATION
Order Number
Package
Packing
Lead Free
Halogen Free
TBA820ML-S08-R
TBA820MG-S08-R
SOP-8
Tape Reel
TBA820ML-S08-T
TBA820MG-S08-T
SOP-8
Tube
TBA820ML-D08-T
TBA820MG-D08-T
DIP-8
Tube


Similar Part No. - TBA820ML-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TBA820ML-S08-R UTC-TBA820ML-S08-R Datasheet
94Kb / 5P
1.2W AUDIO POWER AMPLIFIER
TBA820ML-S08-R UTC-TBA820ML-S08-R Datasheet
117Kb / 5P
1.2W AUDIO POWER AMPLIFIER
More results

Similar Description - TBA820ML-S08-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
logo
Unisonic Technologies
PA4990 UTC-PA4990 Datasheet
259Kb / 8P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4990D ISSI-IS31AP4990D Datasheet
278Kb / 10P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Unisonic Technologies
PA4990 UTC-PA4990_15 Datasheet
289Kb / 8P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
PA4990 UTC-PA4990_18 Datasheet
221Kb / 9P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com