Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA7368PG-R10-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TA7368PG-R10-T
Description  0.6W AUDIO POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA7368PG-R10-T Datasheet(HTML) 4 Page - Unisonic Technologies

  TA7368PG-R10-T Datasheet HTML 1Page - Unisonic Technologies TA7368PG-R10-T Datasheet HTML 2Page - Unisonic Technologies TA7368PG-R10-T Datasheet HTML 3Page - Unisonic Technologies TA7368PG-R10-T Datasheet HTML 4Page - Unisonic Technologies TA7368PG-R10-T Datasheet HTML 5Page - Unisonic Technologies TA7368PG-R10-T Datasheet HTML 6Page - Unisonic Technologies TA7368PG-R10-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TA7368P
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R107-009.F
ABSOLUTE MAXIMUN RATINGS (TA=25C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
14
V
Power Dissipation
DIP-8
PD
900
mW
SIP-9
950
SOP-8/SSOP-10
400
Operating Temperature
TOPR
-20 ~ +75
C
Storage Temperature
TSTG
-55 ~ +150
C
Note:1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Derated Ta>25
C, in the proportion of 7.2mW/C
ELECTRONIC CHARACTERISTICS
(TA=25C, VCC=6V, f=1kHz, Rg=600Ω, RL=4Ω, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Circuit Current
ICCQ
VCC=3V,VIN=0
5.5
mA
VCC=9V,VIN=0
6.6
18
VCC=14V,VIN=0
7.5
21
Voltage Gain
GV
VIN=0.5mVrms
37
40
43
dB
Output Power
POUT
VCC=3V,RL=4Ω,THD=10%
120
mW
VCC=6V,RL=4Ω,THD=10%
500
720
VCC=9V,RL=8Ω,THD=10%
800
1100
Total Harmonic Distortion
THD
POUT=100mW
0.3
1
%
Output Noise Voltage
eN
RG=10kΩ,BPF=20Hz~20kHz
0.2
0.5
mVrms
Ripple Rejection
RR
fR=100Hz, VR=0.3Vrms,Crip=0
25
dB
Input Resistance
RIN
27
kΩ
TERMINAL DC VOLTAGE
Typical terminal DC Voltage at no signal with test circuit (VCC=6V, TA=25C)
Pin No.
1
2
3
4
5
6
7
8
9
10
SOP-8/DIP-8
0
2.40
0.62
0.64
0
0
2.61
6.0
-
-
SIP-9
0
2.40
0.62
0.64
0
0
2.61
NC
6.0
-
SSOP-10
NC
6.0
NC
0
2.40
0.62
0.64
0
0
2.61



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com