Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2822HL-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TDA2822HL-S08-R
Description  DUAL LOW VOLTAGE POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2822HL-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TDA2822HL-S08-R Datasheet HTML 1Page - Unisonic Technologies TDA2822HL-S08-R Datasheet HTML 2Page - Unisonic Technologies TDA2822HL-S08-R Datasheet HTML 3Page - Unisonic Technologies TDA2822HL-S08-R Datasheet HTML 4Page - Unisonic Technologies TDA2822HL-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TDA2822H
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R107-016.C
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1
OUTPUT 1
Output of Channel 1
2
VCC
Supply Voltage
3
OUTPUT 2
Output of Channel 2
4
GND
Ground.
5
INPUT 2(-)
Inverting Input of Channel 2
6
INPUT 2(+)
Non-Inverting Input of Channel 2
7
INPUT 1 (+)
Non-Inverting Input of Channel 1
8
INPUT 1 (-)
Inverting Input of Channel 1
BLOCK DIAGRAM
7
8
6
5
4
3
1
2
OUTPUT 1
OUTPUT 2
VCC
INPUT1 (+)
INPUT1 (-)
INPUT2 (+)
INPUT2 (-)
GND
+
+



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com