Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX7828TQ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MX7828TQ
Description  CMOS, High-Speed, 8-Bit ADCs with Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7828TQ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MX7828TQ Datasheet HTML 1Page - Maxim Integrated Products MX7828TQ Datasheet HTML 2Page - Maxim Integrated Products MX7828TQ Datasheet HTML 3Page - Maxim Integrated Products MX7828TQ Datasheet HTML 4Page - Maxim Integrated Products MX7828TQ Datasheet HTML 5Page - Maxim Integrated Products MX7828TQ Datasheet HTML 6Page - Maxim Integrated Products MX7828TQ Datasheet HTML 7Page - Maxim Integrated Products MX7828TQ Datasheet HTML 8Page - Maxim Integrated Products MX7828TQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CMOS, High-Speed, 8-Bit ADCs
with Multiplexer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VREF+ = +5V, VREF- = GND, Mode 0, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VDD to GND ........................................0V, +10V
Voltage at Any Other Pins......................GND - 0.3V, VDD + 0.3V
Output Current (REF OUT)..................................................30mA
Power Dissipation (any package) to +75°C ....................450mW
Derate above +25°C by ..............................................6mW/°C
Operating Temperature Ranges
MX7824, MX7828
KN/LN/KCW_/LCW_ ............................................0°C to +70°C
BQ/CQ .............................................................-40°C to +85°C
TQ/UQ............................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Input Capacitance (Note 4)
CIN
58
pF
Input Low Voltage
VINL
0.8
V
Input High Current
IINH
1
µA
Input Low Current
IINL
-1
µA
Analog Input Current
IAIN
±3
µA
Slew Rate, Tracking
SR
0.7
0.157
V/µs
Input High Voltage
VINH
2.4
V
Any channel, AIN = 0V to 5V
Output Noise
eN
200
µV/rms
Capacitive Load
0.01
µF
Analog Input Voltage Range
AINR
VREF-VREF+
V
Analog Input Capacitance
CAIN
45
pF
±1
MAX15_B, MX782_K/B/T
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Channel to Channel Mismatch
±1/4
LSB
No Missing Codes Resolution
8
Bits
Total Unadjusted Error (Note 1)
±1/2
LSB
Reference Resistance
14
k
Ω
VREF+ Input Voltage Range
VREF-VDD
V
VREF- Input Voltage Range
GND
VREF+
V
Resolution
8
Bits
Output Voltage
REF OUT
2.47
2.50
2.53
V
Load Regulation
-6
-10
mV
Power-Supply Sensitivity
±1
±3
mV
40
70
40
70
Temperature Drift (Note 3)
60
100
ppm/°C
CONDITIONS
TA = +25°C
IL = 0mA to 10mA, TA = +25°C
MAX15_A, MX782_L/C/U
VDD ±5%, TA = +25°C
MAX15_C
MAX15_E
MAX15_M
ACCURACY
REFERENCE INPUT
REFERENCE OUTPUT—MAX154/MAX158 Only (Note 2)
ANALOG INPUT
LOGIC INPUTS (
–
R
—
D
–
,
–
C
—
S
–
, A0, A1, A2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com