Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR3 Datasheet(PDF) 2 Page - HB Electronic Components

Part # STR3
Description  Low power consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

STR3 Datasheet(HTML) 2 Page - HB Electronic Components

  STR3 Datasheet HTML 1Page - HB Electronic Components STR3 Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute maximum ratings(Ta=25
TOTAL)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
12
W
Vcc
Vcc
12
V
Operating Temperature
Topr
-25
~60
Storage Temperature
Tstg
-30
~85
Electrical and optical characteristics(Ta=25
TOTAL)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Current
I
Vcc=12V
-
40
-
mA
F



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com