Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX7828BQ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MX7828BQ
Description  CMOS, High-Speed, 8-Bit ADCs with Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7828BQ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MX7828BQ Datasheet HTML 1Page - Maxim Integrated Products MX7828BQ Datasheet HTML 2Page - Maxim Integrated Products MX7828BQ Datasheet HTML 3Page - Maxim Integrated Products MX7828BQ Datasheet HTML 4Page - Maxim Integrated Products MX7828BQ Datasheet HTML 5Page - Maxim Integrated Products MX7828BQ Datasheet HTML 6Page - Maxim Integrated Products MX7828BQ Datasheet HTML 7Page - Maxim Integrated Products MX7828BQ Datasheet HTML 8Page - Maxim Integrated Products MX7828BQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VREF+ = +5V, VREF- = GND, Mode 0, TA = TMIN to TMAX, unless otherwise noted.)
TIMING CHARACTERISTICS (Note 5)
(VDD = +5V, VREF+ = +5V, VREF- = GND, Mode 0, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: Total unadjusted error includes offset, full-scale, and linearity errors.
Note 2: Specified with no external load unless otherwise noted.
Note 3: Temperature drift is defined as change in output voltage from +25°C to TMIN or TMAX divided by (25 - TMIN) or (TMAX - 25).
Note 4: Guaranteed by design.
Note 5: All input control signals are specified with tR = tF = 20ns (10% to 90% of +5V) and timed from a 1.6V voltage level.
Note 6: Measured with load circuits of Figure 1 and defined as the time required for an output to cross 0.8V or 2.4V.
Note 7: Defined as the time required for the data lines to change 0.5V when loaded with the circuits of Figure 2.
CMOS, High-Speed, 8-Bit ADCs
with Multiplexer
_______________________________________________________________________________________
3
(Note 6)
(Note 6)
CL = 50pF, RL = 5kΩ
(Note 7)
CL = 50pF
CONDITIONS
ns
60
tDH
Data Hold Time
ns
40
75
tINTH
–
R
—
D
–
to
–
I
—
N
—
T
–
Delay (Mode 1)
ns
0
tCSH
ns
0
tCSS
–
C
—
S
–
to
–
R
—
D
–
Setup Time
–
C
—
S
–
to
–
R
—
D
–
Hold Time
ns
20
50
tACC2
Data Access Time
After
–
I
—
N
—
T
–
, Mode 0
ns
85
tACC1
Data Access Time After
–
R
—
D
–
µs
1.6
2.0
tCRD
Conversion Time (Mode 0)
ns
30
40
tRDY
–
C
—
S
–
to RDY Delay
ns
0
tAS
Multiplexer Address
Setup Time
ns
30
tAH
Multiplexer Address
Hold Time
UNITS
TA = +25°C
SYMBOL
PARAMETER
ns
500
tP
Delay Time
Between Conversions
500
70
100
0
0
60
110
2.4
60
0
35
MAX15_ _C/E
MX782_K/L/B/C
600
70
100
0
0
70
120
2.8
60
0
40
MAX15_ _M
MX782_T/U
MIN
MAX
MIN
MAX
MIN
TYP
MAX
ns
60
600
tRD
–
R
—
D
–
Pulse Width (Mode 1)
80
500
80
400
DB0–DB7,
–
I
—
N
—
T
–
; IOUT = -360µA
–
C
—
S
–
=
–
R
—
D
–
= 2.4V
5V ±5% for specified performance
DB0–DB7, RDY; VOUT = 0V to VDD
VDD = ±5%
CONDITIONS
LSB
±1/16
±1/4
PSS
Power-Supply Sensitivity
V
4.0
VOH
Output High Voltage
mW
25
75
Power Dissipation
mA
15
IDD
Supply Current
V
4.75
5.25
VDD
Supply Voltage
µA
±3
Three-State Output Current
pF
58
COUT
Output Capacitance (Note 4)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DB0–DB7,
–
I
—
N
—
T
–
; RDY
0.4
V
0.4
VOL
Output Low Voltage
IOUT = 1.6mA
IOUT = 2.6mA
LOGIC OUTPUTS
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com