Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP-SMAM-RPSF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADP-SMAM-RPSF
Description  SMA MALE TO RP-SMA FEMALE ADAPTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ADP-SMAM-RPSF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADP-SMAM-RPSF Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
1
2
4
3
Revision:
Title
Part No.
Dimensions:
SMA MALE TO RP-SMA FEMALE ADAPTOR
ADP-SMAM-RPSF
1.0
INCHES (mm)
8/23/2005
0.335
(8.5)
0.689
(17.5)
FLAT
0.217x0.079
(5.5x2.0)
1/4 - 36UNS - 2A
THREADS
Description
Material
Finish
Body
Pin
Insulation
Nickel
Teflon
Gold
Teflon
Brass
Brass
Washer
PH Bronze
Nickel
Gasket
Rubber
SI Rubber
1/4 - 36UNS - 2B
THREADS
SIDE VIEW


Similar Part No. - ADP-SMAM-RPSF

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ADP-SMAM-RPSF-G LINX-ADP-SMAM-RPSF-G Datasheet
294Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO RPSMA JACK (MALE PIN), GOLD
More results

Similar Description - ADP-SMAM-RPSF

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SMA7071A2-3GT50G-50 AMPHENOL-SMA7071A2-3GT50G-50 Datasheet
140Kb / 1P
SMA FEMALE TO FEMALE ADAPTOR
logo
List of Unclassifed Man...
ADP-SMAF-SMAF ETC2-ADP-SMAF-SMAF Datasheet
118Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
ADP-SMAM-SMAM ETC2-ADP-SMAM-SMAM Datasheet
127Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
CONREVSMA003.062 ETC2-CONREVSMA003.062 Datasheet
149Kb / 1P
RP-SMA FEMALE EDGE MOUNT RP-SMA FEMALE EDGE MOUNT
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
CONSMA010 ETC2-CONSMA010 Datasheet
129Kb / 1P
SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTOR
logo
Linx Technologies
ADP-RPSM-SMAF LINX-ADP-RPSM-SMAF Datasheet
190Kb / 1P
RP-SMA MALE TO SMA FEMALE ADAPTOR
ADP-SMAF-SMAF LINX-ADP-SMAF-SMAF Datasheet
203Kb / 1P
SMA FEMALE TO SMA FEMALE ADAPTOR
ADP-SMAM-SMAM LINX-ADP-SMAM-SMAM Datasheet
219Kb / 1P
SMA MALE TO SMA MALE ADAPTOR
CONREVSMA010-G LINX-CONREVSMA010-G Datasheet
299Kb / 2P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com