Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONMCX007-R178 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONMCX007-R178
Description  MCX MALE CABLE END CRIMP FOR RG178 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONMCX007-R178 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONMCX007-R178 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
Description
Material
Finish
Body
Pin
Insulation
Gold
Teflon
Gold
Teflon
Brass
Brass
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
MCX MALE CABLE END CRIMP
FOR RG178 CABLE
CONMCX007-R178
1.0
INCHES (mm)
6/8/2006
0.236
(6.00)
0.020
(0.50)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.110
(2.80)
RG-178 Cable
CONMCX007-R178 ASSEMBLY INSTRUCTIONS
Snaps
Gold
BE CU
Ø0.037
(0.95)
0.232
(5.90)
Ø0.019
(0.48)
Ø0.020
(0.5)
Ø0.106
(2.70)
0.197
(5.00)
0.488
(12.40)
Ø0.197
(5.00)
Ø0.148
(3.75)
0.126
(3.20)
0.165
(4.20)
BOYD CHUCK
0.3x3.9x5 GROOVE
Spacer
Teflon
Teflon
SIDE VIEW
PIN
SPACER
SUPPORT
Support
Gold
Brass
1. Strip the cable to the recommended dimensions.
2. Solder the support onto the braid.
3. Place the spacer onto the center conductor.
4. Solder or crimp the pin onto the center conductor.
5. Insert the pin, center conductor, spacer, and support into the body
until the pin snaps in.
6. Crimp the tail of the body onto the support with a hex crimp tool.


Similar Part No. - CONMCX007-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX007 ETC2-CONMCX007 Datasheet
160Kb / 1P
MCX MALE CABLE END CRIMP FOR RG174 CABLE
More results

Similar Description - CONMCX007-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX005-R178 ETC2-CONMCX005-R178 Datasheet
182Kb / 1P
MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG178 CABLE
CONMCX007 ETC2-CONMCX007 Datasheet
160Kb / 1P
MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMCX011-R178 ETC2-CONMCX011-R178 Datasheet
155Kb / 1P
MCX FEMALE CABLE END CRIMP FOR RG178/U and RG196/U CABLE
CONMCX012 ETC2-CONMCX012 Datasheet
165Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONMCX012-R178 ETC2-CONMCX012-R178 Datasheet
166Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
CONMMCX012-R178 ETC2-CONMMCX012-R178 Datasheet
256Kb / 1P
MMCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
CONREVMCX007 ETC2-CONREVMCX007 Datasheet
159Kb / 1P
RP-MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONREVMCX007-R178 ETC2-CONREVMCX007-R178 Datasheet
166Kb / 1P
RP-MCX MALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA007-R178 ETC2-CONREVSMA007-R178 Datasheet
156Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG178 CABLE
CONSMA007-R178 ETC2-CONSMA007-R178 Datasheet
158Kb / 1P
SMA MALE CABLE END CRIMP FOR RG178 CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com