Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONMCX011-R178 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONMCX011-R178
Description  MCX FEMALE CABLE END CRIMP FOR RG178/U and RG196/U CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONMCX011-R178 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONMCX011-R178 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
Description
Material
Finish
Body
Socket
Insulation
Gold
Teflon
Gold
Teflon
Brass
BE CU
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
MCX FEMALE CABLE END CRIMP
FOR RG178/U and RG196/U CABLE
CONMCX011-R178
1.1
INCHES (mm)
7/23/2008
0.217
(5.50)
0.020
(0.50)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.142
(3.60)
RG-178 Cable
Ø0.037
(0.95)
0.244
(6.20)
PIN CHUCK
0.2x2x2 GROOVE
CONMCX011-R178 ASSEMBLY INSTRUCTIONS
Support
Gold
Brass
Ø0.106
(2.7)
0.382
(9.70)
0.575
(14.60)
Ø0.197
(5.00)
SPACER
SUPPORT
Spacer
Teflon
Teflon
SIDE VIEW
SOCKET
1. Strip the cable to the recommended dimensions.
2. Solder the support onto the braid.
3. Place the spacer onto the center conductor.
4. Solder or crimp the socket onto the center conductor.
5. Insert the socket, center conductor, spacer, and support into the body
until the socket snaps in.
6. Crimp the tail of the body onto the support with a hex crimp tool.


Similar Part No. - CONMCX011-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX011 ETC2-CONMCX011 Datasheet
153Kb / 1P
MCX FEMALE CABLE END CRIMP FOR RG174 CABLE
More results

Similar Description - CONMCX011-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX005 ETC2-CONMCX005 Datasheet
175Kb / 1P
MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONMCX005-R178 ETC2-CONMCX005-R178 Datasheet
182Kb / 1P
MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG178 CABLE
CONMCX007-R178 ETC2-CONMCX007-R178 Datasheet
165Kb / 1P
MCX MALE CABLE END CRIMP FOR RG178 CABLE
CONMCX011 ETC2-CONMCX011 Datasheet
153Kb / 1P
MCX FEMALE CABLE END CRIMP FOR RG174 CABLE
CONMCX012-R178 ETC2-CONMCX012-R178 Datasheet
166Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
CONREVMCX007-R178 ETC2-CONREVMCX007-R178 Datasheet
166Kb / 1P
RP-MCX MALE CABLE END CRIMP FOR RG178 CABLE
CONREVMCX011 ETC2-CONREVMCX011 Datasheet
150Kb / 1P
RP-MCX FEMALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA011-R178 ETC2-CONREVSMA011-R178 Datasheet
258Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG178 CABLE
CONSMA005-R178 ETC2-CONSMA005-R178 Datasheet
206Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG178 CABLE
CONSMA011-R178 ETC2-CONSMA011-R178 Datasheet
259Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG178 CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com