Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONMCX012-R178 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONMCX012-R178
Description  MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONMCX012-R178 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONMCX012-R178 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
Description
Material
Finish
Body
Pin
Insulation
Gold
Teflon
Gold
Teflon
Brass
Brass
CONNECTOR CITY
575 SE ASHLEY PLACE
GRANTS PASS, OR 97526
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
MCX MALE RIGHT ANGLE
CABLE END CRIMP FOR RG178 CABLE
CONMCX012-R178
1.0
INCHES (mm)
6/8/2006
0.197
(5.00)
0.118
(3.00)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.031
(0.80)
RG-178 Cable
Crimp Ring
Gold
Brass
Ø0.079
(2.00)
0.197
(5.00)
0.394
(10.00)
Ø0.148
(3.75)
0.339
(8.60)
0.165
(4.20)
BOYD CHUCK
0.3x3.9x5 GROOVE
Snaps
Gold
BE CU
0.035
(0.90)
Ø0.157
(4.00)
COVER
INSULATOR
Ø0.126
(3.20)
0.276
(7.00)
CRIMP RING
Insulator
Teflon
Teflon
Cover
Gold
Brass
0.079
(2.00)
0.035
(0.90)
0.173
(4.40)
0.171
(4.35)
0.197
(5.00)
SIDE VIEW
TOP VIEW


Similar Part No. - CONMCX012-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX012 ETC2-CONMCX012 Datasheet
165Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
More results

Similar Description - CONMCX012-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX005-R178 ETC2-CONMCX005-R178 Datasheet
182Kb / 1P
MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG178 CABLE
CONMCX007 ETC2-CONMCX007 Datasheet
160Kb / 1P
MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMCX007-R178 ETC2-CONMCX007-R178 Datasheet
165Kb / 1P
MCX MALE CABLE END CRIMP FOR RG178 CABLE
CONMCX012 ETC2-CONMCX012 Datasheet
165Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONMMCX012-R178 ETC2-CONMMCX012-R178 Datasheet
256Kb / 1P
MMCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
CONREVMCX007-R178 ETC2-CONREVMCX007-R178 Datasheet
166Kb / 1P
RP-MCX MALE CABLE END CRIMP FOR RG178 CABLE
CONREVMCX012 ETC2-CONREVMCX012 Datasheet
160Kb / 1P
RP-MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA007-R178 ETC2-CONREVSMA007-R178 Datasheet
156Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA012-R178 ETC2-CONREVSMA012-R178 Datasheet
154Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
CONSMA007-R178 ETC2-CONSMA007-R178 Datasheet
158Kb / 1P
SMA MALE CABLE END CRIMP FOR RG178 CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com