Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONMMCX012-R178 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONMMCX012-R178
Description  MMCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONMMCX012-R178 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONMMCX012-R178 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
REVISIONS
REV
DESCRIPTION
DATE
APPV
SHEET 1 OF 1
LDCFDCC_A
SCALE: 2:1
A
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
WARNING: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF CONNECTOR CITY, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF CONNECTOR CITY OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
B
MMCX MALE RIGHT ANGLE
CABLE END CRIMP FOR RG178 CABLE
CONMMCX012-R178
CJ
7/27/09
Description
Material
Finish
Body
Pin
Insulation
Gold
Teflon
Gold
Teflon
Brass
Brass
0.217
(5.50)
0.059
(1.50)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.028
(0.70)
RG-178 Cable
Crimp Ring
Gold
Brass
0.197
(5.00)
0.354
(9.00)
Ø0.093
(2.35)
0.104
(2.65)
0.138
(3.50)
Snaps
Gold
BE CU
Insulator
Gold
Teflon
Cover
Nickel
Brass
Polyolefin
Heat Shrink
Black
0.270
(6.85)
Ø0.079
(2.00)
INSULATOR
BARREL
BRAIDED SHIELD
COVER
SIDE VIEW
Ø0.126
(3.20)
0.276
(7.00)
CRIMP RING
Ø0.118
(3.00)
0.787
(20.00)
HEAT SHRINK
Assembly Instructions
1. Strip coax as shown. Put heat shrink,
then crimp ring onto cable.
2. Slide the coax into the body until the
center conductor is centered in the fork.
3. Push the shield over the barrel.
4. Solder the center conductor into
center of the fork.
5. Slide the crimp ring over the shield and
crimp with a 0.100” crimp die.
6. Trim off any excess shield wire sticking
out from the ring.
7. Slip the heat shrink tube over the crimp ring
until it is against the body and then heat shrink.
8. Slip insulator into body.
9. Push cover into the opening.


Similar Part No. - CONMMCX012-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMMCX012 ETC2-CONMMCX012 Datasheet
270Kb / 1P
MMCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
More results

Similar Description - CONMMCX012-R178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX007-R178 ETC2-CONMCX007-R178 Datasheet
165Kb / 1P
MCX MALE CABLE END CRIMP FOR RG178 CABLE
CONMCX012-R178 ETC2-CONMCX012-R178 Datasheet
166Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
CONMMCX007 ETC2-CONMMCX007 Datasheet
255Kb / 1P
MMCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMMCX012 ETC2-CONMMCX012 Datasheet
270Kb / 1P
MMCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONREVMCX007-R178 ETC2-CONREVMCX007-R178 Datasheet
166Kb / 1P
RP-MCX MALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA007-R178 ETC2-CONREVSMA007-R178 Datasheet
156Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA012-R178 ETC2-CONREVSMA012-R178 Datasheet
154Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
CONSMA007-R178 ETC2-CONSMA007-R178 Datasheet
158Kb / 1P
SMA MALE CABLE END CRIMP FOR RG178 CABLE
CONSMA011-R178 ETC2-CONSMA011-R178 Datasheet
259Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG178 CABLE
logo
Linx Technologies
CONN012 LINX-CONN012 Datasheet
248Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com