Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONN005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONN005
Description  N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONN005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONN005 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
N FEMALE BULKHEAD MOUNT
CABLE END CRIMP FOR RG174 CABLE
0.177
(4.50)
0.217
(5.50)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.335
(8.50)
RG-174 Cable
Description
Material
Finish
Nut
Washer
Body
Nickel
Nickel
Nickel
Brass
Brass
Brass
Socket
Gold
Brass
Crimp Ring
Nickel
Brass
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONN005
1.0
INCHES (mm)
2/11/2008
0.371
(9.50)
Ø0.154
(3.90)
CRIMP RING
RECOMMENDED
MOUNTING HOLE
Ø0.634
(16.10)
0.571
(14.50)
5/8-24UNEF-2A THREADS
SIDE VIEW
∅0.531
(13.50)
∅0.102
(2.60)
FLAT 0.528 x2
(13.40)
0.929
(23.60)
0.276
(7.00)
0.276
(7.00)
0.374
(9.50)
1.421
(36.10)
H0.504
(12.80)
∅0.862
(21.90)
1.
Insert the cable center conductor and insulation into the base
2.
Solder the socket to the center conductor.
3.
Wrap the braid around the tail of the body and crimp the ring with a
hex crimp tool.
4.
Put the socket through the insulator.
5.
Screw the base into the top.
CONN005 ASSEMBLY INSTRUCTIONS
Insulation
N/A
Teflon
O Ring
N/A
SI Rubber
0.110
(2.80)
5/8-24UNEF-2B
THREADS
H19
NUT
Ø0.866
(22.00)
0.020
(0.50)
WASHER
TOP
INSULATOR
SOCKET
BASE
CABLE
Solder


Similar Part No. - CONN005

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONN005 LINX-CONN005 Datasheet
289Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
logo
List of Unclassifed Man...
CONN005-R58 ETC2-CONN005-R58 Datasheet
184Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
logo
Linx Technologies
CONN005-R58 LINX-CONN005-R58 Datasheet
278Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG158 CABLE
2-JUL-12
More results

Similar Description - CONN005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX005 ETC2-CONMCX005 Datasheet
175Kb / 1P
MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONN005-R58 ETC2-CONN005-R58 Datasheet
184Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
CONN011 ETC2-CONN011 Datasheet
170Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
CONREVMCX005 ETC2-CONREVMCX005 Datasheet
172Kb / 1P
RP-MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONREVSMA005 ETC2-CONREVSMA005 Datasheet
207Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONSMA005 ETC2-CONSMA005 Datasheet
207Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONSMA014 ETC2-CONSMA014 Datasheet
190Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP WITH O-RING FOR RG174 CABLE
logo
Linx Technologies
CONN005-R58 LINX-CONN005-R58 Datasheet
278Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG158 CABLE
2-JUL-12
CONN005 LINX-CONN005 Datasheet
289Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
CONN011 LINX-CONN011 Datasheet
265Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com