Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONN005-R58 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONN005-R58
Description  N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONN005-R58 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONN005-R58 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
N FEMALE BULKHEAD MOUNT
CABLE END CRIMP FOR RG58 CABLE
0.276
(7.00)
0.315
(8.00)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.177
(4.50)
RG-58 Cable
Description
Material
Finish
Nut
Washer
Body
Nickel
Nickel
Nickel
Brass
Brass
Brass
Socket
Gold
Brass
Crimp Ring
Nickel
Brass
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONN005-R58
1.0
INCHES (mm)
2/11/2008
RECOMMENDED
MOUNTING HOLE
Ø0.634
(16.10)
0.571
(14.50)
1.
Solder the socket to the center conductor.
2.
Insert the socket, center conductor, and insulator into the body.
3.
Wrap the braid around the tail of the body and crimp the ring with a
hex crimp tool labeled for use with RG-58 cable.
CONN005-R58 ASSEMBLY INSTRUCTIONS
Insulation
N/A
Teflon
O Ring
N/A
SI Rubber
0.110
(2.80)
5/8-24UNEF-2B
THREADS
H19
NUT
Ø0.866
(22.00)
0.020
(0.50)
WASHER
0.500
(12.70)
Ø0.252
(6.40)
CRIMP RING
0.673
(17.10)
∅0.083
(2.10)
PIN
∅0.119
(3.02)
5/8-24UNEF-2A THREADS
SIDE VIEW
∅0.531
(13.50)
∅0.177
(4.50)
FLAT 0.528 x2
(13.40)
0.929
(23.60)
1.410
(35.70)
∅0.862
(21.90)


Similar Part No. - CONN005-R58

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONN005-R58 LINX-CONN005-R58 Datasheet
278Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG158 CABLE
2-JUL-12
More results

Similar Description - CONN005-R58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX005 ETC2-CONMCX005 Datasheet
175Kb / 1P
MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONN005 ETC2-CONN005 Datasheet
197Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONN007-R58 ETC2-CONN007-R58 Datasheet
156Kb / 1P
N MALE CABLE END CRIMP FOR RG58 CABLE
CONREVSMA011-R58 ETC2-CONREVSMA011-R58 Datasheet
155Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
CONSMA005-R58 ETC2-CONSMA005-R58 Datasheet
208Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
CONSMA011-R58 ETC2-CONSMA011-R58 Datasheet
154Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
logo
Linx Technologies
CONN005-R58 LINX-CONN005-R58 Datasheet
278Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG158 CABLE
2-JUL-12
CONN005 LINX-CONN005 Datasheet
289Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
CONN007-R58 LINX-CONN007-R58 Datasheet
249Kb / 1P
N MALE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
CONN011-R58 LINX-CONN011-R58 Datasheet
248Kb / 1P
N FEMALE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com