Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONN007 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONN007
Description  N MALE CABLE END CRIMP FOR RG174 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONN007 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONN007 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
N MALE CABLE END CRIMP
FOR RG174 CABLE
0.197
(5.00)
0.276
(7.00)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.189
(4.80)
RG-174 Cable
Description
Material
Finish
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONN007
1.0
INCHES (mm)
2/18/2008
1.
Solder the socket to the center conductor.
2.
Insert the socket, center conductor, and insulator into the body.
3.
Wrap the braid around the tail of the body and crimp the ring with a
0.137" hex crimp tool (or one labeled for use with RG-174 cable)
CONN007 ASSEMBLY INSTRUCTIONS
Body
Nickel
Brass
Pin
Gold
Brass
Crimp Ring
Nickel
Brass
Insulation
N/A
Teflon
0.276
(7.00)
Ø0.154
(3.90)
CRIMP RING
0.713
(18.10)
∅0.118
(3.00)
PIN
5/8-24UNEF-2B THREADS
SIDE VIEW
∅0.803
(20.40)
∅0.102
(2.60)
FLAT 0.626 x2
(15.90)
0.677
(17.20)
0.236
(6.00)
0.197
(5.00)
0.343
(8.70)
0.661
(16.80)
H0.374
(9.50)
1.339
(34.00)


Similar Part No. - CONN007

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONN007 LINX-CONN007 Datasheet
259Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
CONN007-1-W LINX-CONN007-1-W Datasheet
455Kb / 4P
N Plug Coaxial Cable Mount Connector
2020
CONN007-2-W LINX-CONN007-2-W Datasheet
450Kb / 4P
N Plug Coaxial Cable Mount Connector
2020
CONN007-3-W LINX-CONN007-3-W Datasheet
450Kb / 4P
N Plug Coaxial Cable Mount Connector
2020
CONN007-4-W LINX-CONN007-4-W Datasheet
450Kb / 4P
N Plug Coaxial Cable Mount Connector
2020
More results

Similar Description - CONN007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX007 ETC2-CONMCX007 Datasheet
160Kb / 1P
MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMMCX007 ETC2-CONMMCX007 Datasheet
255Kb / 1P
MMCX MALE CABLE END CRIMP FOR RG174 CABLE
CONN011 ETC2-CONN011 Datasheet
170Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
CONN012 ETC2-CONN012 Datasheet
154Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONREVMCX007 ETC2-CONREVMCX007 Datasheet
159Kb / 1P
RP-MCX MALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA007 ETC2-CONREVSMA007 Datasheet
153Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG174 CABLE
CONSMA007 ETC2-CONSMA007 Datasheet
152Kb / 1P
SMA MALE CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN012 LINX-CONN012 Datasheet
248Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONN007 LINX-CONN007 Datasheet
259Kb / 1P
N MALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
CONN011 LINX-CONN011 Datasheet
265Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com