Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONN011-R58 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONN011-R58
Description  N FEMALE CABLE END CRIMP N FEMALE CABLE END CRIMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONN011-R58 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONN011-R58 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
N FEMALE CABLE END CRIMP
FOR RG58 CABLE
Description
Material
Finish
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONN011-R58
1.0
INCHES (mm)
2/20/2008
CONN011-R58 ASSEMBLY INSTRUCTIONS
Body
Nickel
Brass
Socket
Gold
Brass
Crimp Ring
Nickel
Brass
Insulation
N/A
Teflon
0.276
(7.00)
0.189
(4.80)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.118
(3.00)
RG-58 Cable
0.500
(12.70)
Ø0.252
(6.40)
CRIMP RING
1.
Solder the socket to the center conductor.
2.
Insert the socket, center conductor, and insulator into the body.
3.
Wrap the braid around the tail of the body and crimp the ring with a
hex crimp tool labeled for use with RG-58 cable.
0.500
(12.70)
Ø0.083
(2.10)
PIN CHUCK
0.3x5x4 GROOVE
SOCKET
5/8-24UNEF-2A THREADS
SIDE VIEW
0.772
(19.60)
∅0.177
(4.50)
1.087
(27.60)


Similar Part No. - CONN011-R58

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONN011-R58 LINX-CONN011-R58 Datasheet
248Kb / 1P
N FEMALE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
More results

Similar Description - CONN011-R58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX011 ETC2-CONMCX011 Datasheet
153Kb / 1P
MCX FEMALE CABLE END CRIMP FOR RG174 CABLE
CONN005 ETC2-CONN005 Datasheet
197Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONN005-R58 ETC2-CONN005-R58 Datasheet
184Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
CONN011 ETC2-CONN011 Datasheet
170Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
CONSMA011 ETC2-CONSMA011 Datasheet
152Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
CONSMA011-R58 ETC2-CONSMA011-R58 Datasheet
154Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
logo
Linx Technologies
CONN005-R58 LINX-CONN005-R58 Datasheet
278Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG158 CABLE
2-JUL-12
CONN005 LINX-CONN005 Datasheet
289Kb / 1P
N FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
CONN011-R58 LINX-CONN011-R58 Datasheet
248Kb / 1P
N FEMALE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
CONN011 LINX-CONN011 Datasheet
265Kb / 1P
N FEMALE CABLE END CRIMP FOR RG174 CABLE
12-JUL-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com