Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONREVSMA002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONREVSMA002
Description  RP-SMA FEMALE RIGHT ANGLE PCB MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONREVSMA002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONREVSMA002 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
RP-SMA FEMALE RIGHT
ANGLE PCB MOUNT
5-Ø0.063
0.100 0.100
0.200
RECOMMENDED FOOTPRINT
Description
Material
Finish
Body
Pin
Insulation
Nickel
Teflon
Gold
Teflon
Brass
BE CU
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONREVSMA002
1.0
INCHES (mm)
3/2/2005
S0.276
(7.00)
0.161
(4.10)
BACK VIEW
0.039
(1.00)
0.039
(1.00)
0.057
(1.45)
0.057
(1.45)
S0.276
(7.00)
0.547
(13.90)
0.047
(1.20)
0.154
(3.90)
SIDE VIEW
0.26
(6.60)
0.598
(15.20)
1/4-36UNS-2B
THREADS
Ø0.213
(5.40)
Ø0.036
(0.92)


Similar Part No. - CONREVSMA002

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONREVSMA002-L-G LINX-CONREVSMA002-L-G Datasheet
284Kb / 2P
RP-SMA FEMALE RIGHT ANGLE PCB MOUNT, EXTENDED
21/JAN/19
logo
List of Unclassifed Man...
CONREVSMA002-SMD ETC2-CONREVSMA002-SMD Datasheet
226Kb / 1P
RP-SMA FEMALE RIGHT ANGLE SURFACE MOUNT
More results

Similar Description - CONREVSMA002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA001 ETC2-CONREVSMA001 Datasheet
143Kb / 1P
RP-SMA FEMALE PCB MOUNT
CONREVSMA002-SMD ETC2-CONREVSMA002-SMD Datasheet
226Kb / 1P
RP-SMA FEMALE RIGHT ANGLE SURFACE MOUNT
CONREVSMA003.062 ETC2-CONREVSMA003.062 Datasheet
149Kb / 1P
RP-SMA FEMALE EDGE MOUNT RP-SMA FEMALE EDGE MOUNT
CONREVSMA008 ETC2-CONREVSMA008 Datasheet
255Kb / 1P
RP-SMA FEMALE PCB MOUNT EXTENDED
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
CONSMA002-L ETC2-CONSMA002-L Datasheet
166Kb / 1P
SMA FEMALE RIGHT ANGLE PCB MOUNT, EXTENDED
CONSMA002-SMD ETC2-CONSMA002-SMD Datasheet
229Kb / 1P
SMA FEMALE RIGHT ANGLE PCB SURFACE MOUNT
logo
Linx Technologies
CONREVSMA008-G LINX-CONREVSMA008-G Datasheet
284Kb / 2P
RP-SMA FEMALE PCB MOUNT EXTENDED
21/JAN/19
CONREVSMA010-G LINX-CONREVSMA010-G Datasheet
299Kb / 2P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
CONREVSMA002-L-G LINX-CONREVSMA002-L-G Datasheet
284Kb / 2P
RP-SMA FEMALE RIGHT ANGLE PCB MOUNT, EXTENDED
21/JAN/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com