Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HSA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # REF02HSA
Description  5V, 10V Precision Voltage References
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REF02HSA Datasheet(HTML) 5 Page - Maxim Integrated Products

  REF02HSA Datasheet HTML 1Page - Maxim Integrated Products REF02HSA Datasheet HTML 2Page - Maxim Integrated Products REF02HSA Datasheet HTML 3Page - Maxim Integrated Products REF02HSA Datasheet HTML 4Page - Maxim Integrated Products REF02HSA Datasheet HTML 5Page - Maxim Integrated Products REF02HSA Datasheet HTML 6Page - Maxim Integrated Products REF02HSA Datasheet HTML 7Page - Maxim Integrated Products REF02HSA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Output Adjustment
The REF02 trim terminal can be used to adjust the out-
put voltage over a 5V±300mV range. This feature
allows the system designer to trim system errors by set-
ting the reference to a voltage other than 5V (refer to
the Typical Operating Circuit section).
Adjustment of the output does not significantly affect
the temperature performance of the device. Typically,
the temperature coefficient change is 0.7ppm/°C for
100mV of output adjustment.
Temperature Voltage Output
The REF02 provides a temperature-dependent output
voltage on the TEMP pin. This voltage is proportional
to the absolute temperature, and has a scale factor of
approximately 2.1mV/°C (Figure 2).
Output Voltage = 2.1(T + 273)mV
where T = Temperature in °C
+5V, +10V Precision
Voltage References
_______________________________________________________________________________________
5
Figure 2. REF02 Temperature/Voltage Output vs. Temperature
ELECTRICAL CHARACTERISTICS—REF02
(VIN = +15V, TA = TMIN to TMAX and IL = 0mA, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS—REF02
(VIN = +15V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com