Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF998WR Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF998WR
Description  N-channel dual-gate MOS-FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF998WR Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF998WR Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998WR Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Sep 05
2
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF998WR
FEATURES
• High forward transfer admittance
• Short channel transistor with high forward transfer
admittance to input capacitance ratio
• Low noise gain controlled amplifier up to 1 GHz.
APPLICATIONS
• VHF and UHF applications with 12 V supply voltage,
such as television tuners and professional
communications equipment.
DESCRIPTION
Depletion type field-effect transistor in a plastic
microminiature SOT343R package with source and
substrate interconnected. The transistor is protected
against excessive input voltage surges by integrated
back-to-back diodes between gates and source.
CAUTION
The device is supplied in an antistatic package. The
gate-source input must be protected against static
discharge during transport or handling.
PINNING
PIN
SYMBOL
DESCRIPTION
1
s, b
source
2
d
drain
3g2
gate 2
4g1
gate 1
Fig.1 Simplified outline (SOT343R) and symbol.
Marking code: MB.
MAM198
Top view
21
34
s,b
d
g
1
g
2
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−
12
V
ID
drain current
−−
30
mA
Ptot
total power dissipation
−−
300
mW
Tj
operating junction temperature
−−
150
°C
y
fs
forward transfer admittance
−
24
−
mS
Cig1-s
input capacitance at gate 1
−
2.1
−
pF
Crs
reverse transfer capacitance
f=1MHz
−
25
−
fF
F
noise figure
f = 800 MHz
−
1
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com