Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35052 Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M35052
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35052 Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M35052 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35052 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
MITSUBISHI MICROCOMPUTERS
M35052-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
21
SERIAL DATA INPUT TIMING
(1) The address consists of 16 bits.
(2) The data consists of 16 bits.
(3)
__
The 16 bits in the SCK after the CS signal has fallen are the ad-
dress, and for succeeding input data, the address is incremented
every 16 bits.
Output timing of decode data
(1)
__
Setting “1” in the W/R register activates output mode.
(2) Outputs decode data in 16 clocks of the SCK after switching over
to output mode. (Don’t enter the SCK for more than 16 clocks.)
(3)
__
Raising the CS signal deactivates output mode.
__
(To switch over to input mode, cause CS to fall.)
(4) If no data are present, or if data have already been read, 000016
is output.
Fig. 11 Decode data output timing
Fig. 10 Serial input timing
Address (16 bit)
N=1, 2, 3
CS
SCK
LSBMSB
SIN
Data N (16 bit)
Data N+1 (16 bit)
LSBMSBLSBMSB
......
MSB
LSB
Decode data (16 bit)
LSB
Address (16 bit)
Data (16 bit)
CS
SCK
SIN
MSB
1
21516
...
Output mode
When register MB/LB (Address F516) = “0”
(Register W/R =“1”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com