Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONREVSMA007-R58 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONREVSMA007-R58
Description  RP-SMA MALE CABLE END CRIMP FOR RG58 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONREVSMA007-R58 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONREVSMA007-R58 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
RP-SMA MALE CABLE END
CRIMP FOR RG58 CABLE
0.276
(7.00)
0.079
(2.00)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.118
(3.00)
RG-58 Cable
1.
Solder the socket to the center conductor.
2.
Insert the socket, center conductor, and insulator into the body
until the top of the socket is even with the white insulation in the body.
3.
Wrap the braid around the tail of the body and crimp the ring with a
hex crimp tool.
CONREVSMA007-R58 ASSEMBLY INSTRUCTIONS
Description
Material
Finish
Body
Socket
Insulation
Nickel
Teflon
Gold
Teflon
Brass
BE CU
Washer
PH Bronze
Gold
Gasket
Rubber
SI Rubber
Crimp Ring
Nickel
Brass
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONREVSMA007-R58
1.0
INCHES (mm)
6/1/2006
0.500
(12.70)
Ø0.256
(6.50)
0.240
(6.10)
Ø0.039
(1.00)
Ø0.049
(1.25)
Ø0.024
(0.60)
PIN CHUCK
0.2x2x2 GROOVE
0.276
(7.00)
0.656
(16.65)
Ø0.126
(3.20)
Ø0.177
(4.50)
1/4-36UNF-2B
THREADS
H0.311
(7.90)
SIDE VIEW
SOCKET
CRIMP RING


Similar Part No. - CONREVSMA007-R58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA007-R178 ETC2-CONREVSMA007-R178 Datasheet
156Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG178 CABLE
More results

Similar Description - CONREVSMA007-R58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONN007-R58 ETC2-CONN007-R58 Datasheet
156Kb / 1P
N MALE CABLE END CRIMP FOR RG58 CABLE
CONREVSMA007 ETC2-CONREVSMA007 Datasheet
153Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA007-R178 ETC2-CONREVSMA007-R178 Datasheet
156Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA011-R58 ETC2-CONREVSMA011-R58 Datasheet
155Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
CONREVSMA012 ETC2-CONREVSMA012 Datasheet
262Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA012-R58 ETC2-CONREVSMA012-R58 Datasheet
152Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG58 CABLE
CONREVSMA012-R178 ETC2-CONREVSMA012-R178 Datasheet
154Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG178 CABLE
CONSMA007-R58 ETC2-CONSMA007-R58 Datasheet
157Kb / 1P
SMA MALE CABLE END CRIMP FOR RG58 CABLE
CONSMA011-R58 ETC2-CONSMA011-R58 Datasheet
154Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
logo
Linx Technologies
CONREVSMA007-G LINX-CONREVSMA007-G Datasheet
306Kb / 2P
RP-SMA MALE CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com