Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLCCE0020122 Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # PLCCE0020122
Description  AC Input 90-305Vac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

PLCCE0020122 Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  PLCCE0020122 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. PLCCE0020122 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LinkCom Manufacturing Co., Ltd
Model NO.
Part NO.
Constant Current Power Supply
134 * 42 * 33.1 mm【5.28 * 1.65 * 1.3 inch】
LCCE-020 122
PLCCE0020 122
Model Name
SIZE
※
※
※
※
Reference
Unit:mm【inch】
Dimensions
www.linkcom.com.tw For more information, please contact with :sales@linkcom.com.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com