Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1S40 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1S40
Description  1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1S40 Datasheet(HTML) 1 Page - Micro Commercial Components

  1S40 Datasheet HTML 1Page - Micro Commercial Components 1S40 Datasheet HTML 2Page - Micro Commercial Components 1S40 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1S20
THRU
1SA0
1.0 Amp Schottky
Barrier Rectifier
20 to 100 Volts
Features
•
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
•
Low power loss, high efficiency
•
High current capability, Low forward voltage drop
•
High surge capability
•
Metal silicon junction, majority carrier conduction
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance: 50
oC/W Junction to Lead
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
1S20
20V
14V
20V
1S30
30V
21V
30V
1S40
40V
28V
40V
1S50
50V
35V
50V
1S60
60V
42V
60V
1S80
80V
56V
80V
1SA0
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0 A
TC = 75
°C
Peak Forward Surge
Current
IFSM
35A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1S20-1S40
1S50-1S60
1S80-1SA0
VF
0.55V
0.70V
0.85V
IFM = 1.0A;
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
10mA
TC = 25
°C
TC = 100
°C
Typical Junction
Capacitance
CJ
110pF
Measured at
1.0MHz, VR=4.0V
Pulse Test: Pulse width 300 usec, Duty cycle 1%.
www.mccsemi.com
MIN
MAX
MIN
MAX
A
0.116
0.140
2.90
3.50
B
0.091
0.102
2.30
2.60
C
0.020
0.024
0.50
0.60
D
0.787
-----
20.00
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
A
B
D
D
C
Cathode Mark
R-1
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - 1S40

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1S40 RECTRON-1S40 Datasheet
27Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
1S40 FORMOSA-1S40 Datasheet
33Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
1S40 DAESAN-1S40 Datasheet
350Kb / 2P
CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
logo
Galaxy Semi-Conductor H...
1S40 BILIN-1S40 Datasheet
179Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
1S40 YANGJIE-1S40 Datasheet
714Kb / 2P
1.0 AMP. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - 1S40

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH1-20 CENTRAL-CMSH1-20 Datasheet
310Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
CMSH1-20M CENTRAL-CMSH1-20M Datasheet
121Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
logo
Micro Commercial Compon...
MBRX120 MCC-MBRX120 Datasheet
113Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
1N17 MCC-1N17_11 Datasheet
679Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
RB491D MCC-RB491D_06 Datasheet
868Kb / 4P
1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491DS MCC-RB491DS Datasheet
216Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 Volts
MBRX120 MCC-MBRX120_11 Datasheet
335Kb / 6P
1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
1S20 MCC-1S20_11 Datasheet
448Kb / 4P
1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRX120 MCC-MBRX120_15 Datasheet
483Kb / 6P
1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
RB491DS MCC-RB491DS_13 Datasheet
253Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com