Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF1204 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1204
Description  Dual N-channel dual gate MOS-FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1204 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1204_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1204_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2001 Apr 25
2
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FET
BF1204
FEATURES
• Two low noise gain controlled amplifiers in a single
package
• Superior cross-modulation performance during AGC
• High forward transfer admittance
• High forward transfer admittance to input capacitance
ratio.
APPLICATIONS
• Gain controlled low noise amplifiers for VHF and UHF
applications with 3 to 9 V supply voltage, such as digital
and analog television tuners and professional
communications equipment.
DESCRIPTION
The BF1204 is a combination of two equal dual gate
MOS-FET amplifiers with shared source and gate 2 leads.
The source and substrate are interconnected. Internal bias
circuits enable DC stabilization and a very good
cross-modulation performance during AGC. Integrated
diodes between the gates and source protect against
excessive input voltage surges. The transistor has a
SOT363 micro-miniature plastic package.
PINNING - SOT363
PIN
DESCRIPTION
1
gate 1 (a)
2
gate 2
3
gate 1 (b)
4
drain (b)
5
source
6
drain (a)
handbook, halfpage
MBL252
AMP
a
AMP
b
d (a)
s
d (b)
g1 (a)
Top view
g2
g1 (b)
13
2
4
5
6
Fig.1 Simplified outline and symbol.
Marking code: L3-
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the source lead.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per MOS-FET; unless otherwise specified
VDS
drain-source voltage
−−
10
V
ID
drain current (DC)
−−
30
mA
Ptot
total power dissipation
Ts ≤ 102 °C; note 1
−−
200
mW
y
fs
forward transfer admittance
ID = 12 mA; f = 1 MHz
25
30
40
mS
Cig1-s
input capacitance at gate 1
ID = 12 mA; f = 1 MHz
−
1.7
2.2
pF
Crss
reverse transfer capacitance
f = 1 MHz
−
15
−
fF
NF
noise figure
f = 800 MHz
−
1.1
1.8
dB
Xmod
cross-modulation
input level for k = 1% at 40 dB AGC 100
105
−
dB
µV
Tj
operating junction temperature
−−
150
°C
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com