Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CONREVSMA011-R58 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONREVSMA011-R58
Description  RP-SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONREVSMA011-R58 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONREVSMA011-R58 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
B
C
D
4
3
2
1
D
C
B
A
1
2
4
3
RP-SMA FEMALE CABLE END
CRIMP FOR RG58 CABLE
0.256
(6.50)
0.091
(2.30)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.098
(2.50)
RG-58 Cable
1.
Solder the pin to the center conductor.
2.
Insert the pin, center conductor, and insulator into the body.
3.
Wrap the braid around the tail of the body and crimp the ring with a
hex crimp tool.
CONREVSMA011-R58 ASSEMBLY INSTRUCTIONS
Description
Material
Finish
Body
Pin
Insulation
Nickel
Teflon
Gold
Teflon
Brass
Brass
Crimp Ring
Nickel
Brass
CONNECTOR CITY
159 ORT LANE
MERLIN, OR 97532
PH (541)-471-6256
FAX (541)-471-6251
Date:
Sheet 1 of 1
Revision:
Title
Part No.
Dimensions:
CONREVSMA011-R58
1.0
INCHES (mm)
6/1/2006
0.500
(12.70)
Ø0.252
(6.40)
0.339
(8.60)
Ø0.049
(1.25)
Ø0.035
(0.90)
0.276
(7.00)
0.650
(16.50)
0.252
(6.40)
0.122
(3.10)
Ø0.126
(3.20)
Ø0.177
(4.50)
H0.248
(6.30)
1/4"-36UNS-2B
THREADS
SIDE VIEW
PIN
CRIMP RING


Similar Part No. - CONREVSMA011-R58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA011-R178 ETC2-CONREVSMA011-R178 Datasheet
258Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG178 CABLE
More results

Similar Description - CONREVSMA011-R58

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA005 ETC2-CONREVSMA005 Datasheet
207Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONREVSMA007-R58 ETC2-CONREVSMA007-R58 Datasheet
154Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG58 CABLE
CONREVSMA007-R178 ETC2-CONREVSMA007-R178 Datasheet
156Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA011 ETC2-CONREVSMA011 Datasheet
149Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA011-R178 ETC2-CONREVSMA011-R178 Datasheet
258Kb / 1P
RP-SMA FEMALE CABLE END CRIMP FOR RG178 CABLE
CONREVSMA012-R58 ETC2-CONREVSMA012-R58 Datasheet
152Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG58 CABLE
CONSMA005-R58 ETC2-CONSMA005-R58 Datasheet
208Kb / 1P
SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG58 CABLE
CONSMA007-R58 ETC2-CONSMA007-R58 Datasheet
157Kb / 1P
SMA MALE CABLE END CRIMP FOR RG58 CABLE
CONSMA011-R58 ETC2-CONSMA011-R58 Datasheet
154Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG58 CABLE
logo
Linx Technologies
CONN011-R58 LINX-CONN011-R58 Datasheet
248Kb / 1P
N FEMALE CABLE END CRIMP FOR RG58 CABLE
12-JUL-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com