Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF1211 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1211
Description  N-channel dual-gate MOS-FETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1211 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BF1211_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1211_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2003 Dec 16
2
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1211; BF1211R; BF1211WR
FEATURES
• Short channel transistor with high forward transfer
admittance to input capacitance ratio
• Low noise gain controlled amplifier
• Excellent low frequency noise performance
• Partly internal self-biasing circuit to ensure good
cross-modulation performance during AGC and good
DC stabilization.
APPLICATIONS
• Gain controlled low noise VHF and UHF amplifiers for
5 V digital and analog television tuner applications.
DESCRIPTION
Enhancement type N-channel field-effect transistor with
source and substrate interconnected. Integrated diodes
between gates and source protect against excessive input
voltage surges. The BF1211, BF1211R and BF1211WR
are encapsulated in the SOT143B, SOT143R and
SOT343R plastic packages respectively.
PINNING
PIN
DESCRIPTION
1
source
2
drain
3
gate 2
4
gate 1
handbook, 2 columns
Top view
MSB014
12
3
4
Fig.1
Simplified outline (SOT143B).
BF1211 marking code: LFp
handbook, 2 columns
Top view
MSB035
1
2
4
3
Fig.2
Simplified outline (SOT143R).
BF1211R marking code: LHp
handbook, halfpage
Top view
MSB842
21
4
3
Fig.3
Simplified outline (SOT343R).
BF1211WR marking code: MK
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−
6V
ID
drain current
−−
30
mA
Ptot
total power dissipation
−−
180
mW
yfs
forward transfer admittance
25
30
40
mS
Cig1-ss
input capacitance at gate 1
−
2.1
2.6
pF
Crss
reverse transfer capacitance
f = 1 MHz
−
15
30
fF
F
noise figure
f = 400 MHz
−
0.9
1.6
dB
Xmod
cross-modulation
input level for k = 1% at
40 dB AGC
100
105
−
dB
µV
Tj
junction temperature
−−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com