Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60S1 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 60S1
Description  Rectifier 50 - 1000 Volts 6 Amp Axial-Lead Glass Passivated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

60S1 Datasheet(HTML) 1 Page - Micro Commercial Components

  60S1 Datasheet HTML 1Page - Micro Commercial Components 60S1 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
60S05
thru
60S10
Rectifier
50 - 1000 Volts
Features
•
Glass Passivated Chip
•
Low Forward Voltage Drop
•
High Current Capability
•
High Surge Current Capability
•
Low Leakage
Maximum Ratings
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TA = 100
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 6.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5µA
100
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
150pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
MCC
www.mccsemi.com
•
Operating Junction Temperature: -65
°C to +175°C
•
Storage Temperature: -65
°C to +175°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
60S05
60S05
50V
35V
50V
60S1
60S1
100V
70V
100V
60S2
60S2
200V
140V
200V
60S4
60S4
400V
280V
400V
60S6
60S6
600V
420V
600V
60S8
60S8
800V
560V
800V
60S10
60S10
1000V
700V
1000V
6 Amp Axial-Lead
Glass Passivated
DO-201AD
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#


Similar Part No. - 60S1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
60S1 MICROSEMI-60S1 Datasheet
100Kb / 2P
6 AMP AXIAL-LEAD SILICON RECTIFIER DIODES
logo
Shanghai Lunsure Electr...
60S1 CHENYI-60S1 Datasheet
57Kb / 2P
6 Amp Axial-Lead Glass Passivated Rectifier 50-1000Volts
logo
Micro Commercial Compon...
60S1 MCC-60S1 Datasheet
451Kb / 3P
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts
logo
New Jersey Semi-Conduct...
60S1 NJSEMI-60S1 Datasheet
159Kb / 1P
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
60S1 MCC-60S1 Datasheet
470Kb / 3P
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts Glass Passivated Chip
More results

Similar Description - 60S1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DR750 MCC-DR750 Datasheet
85Kb / 3P
Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
PB605 MCC-PB605 Datasheet
81Kb / 2P
6 Amp Glass Passivated Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
60S05 CHENYI-60S05 Datasheet
57Kb / 2P
6 Amp Axial-Lead Glass Passivated Rectifier 50-1000Volts
logo
Micro Commercial Compon...
60S05 MCC-60S05_11 Datasheet
451Kb / 3P
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts
DR750 MCC-DR750_11 Datasheet
497Kb / 4P
6 Amp Glass Passivated Rectifier 50 - 1000 Volts
logo
New Jersey Semi-Conduct...
60S05 NJSEMI-60S05 Datasheet
159Kb / 1P
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
60S05 MCC-60S05_13 Datasheet
470Kb / 3P
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts Glass Passivated Chip
logo
New Jersey Semi-Conduct...
60S05 NJSEMI-60S05_13 Datasheet
159Kb / 1P
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
GBJL6005 MCC-GBJL6005 Datasheet
242Kb / 3P
6 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
DR750 MCC-DR750_13 Datasheet
522Kb / 4P
Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com