Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4066G-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 4066G-S14-R
Description  QUAD BILATERAL SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4066G-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  4066G-S14-R Datasheet HTML 1Page - Unisonic Technologies 4066G-S14-R Datasheet HTML 2Page - Unisonic Technologies 4066G-S14-R Datasheet HTML 3Page - Unisonic Technologies 4066G-S14-R Datasheet HTML 4Page - Unisonic Technologies 4066G-S14-R Datasheet HTML 5Page - Unisonic Technologies 4066G-S14-R Datasheet HTML 6Page - Unisonic Technologies 4066G-S14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-009.F
AC ELECTRICAL CHARACTERISTICS (AC Parameters are guaranteed by DC correlated testing)
(TA=25C, tR=tF=20 ns and VSS=0V unless otherwise)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX UNIT
Propagation Delay Time Signal
Input to Signal Output
TPHL, TPLH
VC=VDD, CL=50Pf (Figure1)
RL=200k
VDD=5V
25
55
ns
VDD=10V
15
35
VDD=15V
10
25
Propagation Delay Time
Control Input to Signal
Output High Impedance to
Logical Level
tPZH, tPLZ
RL=1.0kΩ, CL=50pF
(Fig. 2, 3)
VDD=5V
125
ns
VDD=10V
60
VDD=15V
50
Propagation Delay Time
Control Input to Signal
Output Logical Level to
High Impedance
tPHZ, tPLZ
RL=1.0kΩ, CL=50pF
(Fig. 2, 3)
VDD=5V
125
ns
VDD=10V
60
VDD=15V
50
Sine Wave Distortion
VC=VDD=5V, VSS= -5V
RL=10kΩ, VIS=5VP-P, f=1kHz, (Fig. 4)
0.1
%
Frequency Response -Switch
“ON” (Frequency at-3dB)
VC=VDD=5V, VSS= -5V
RL=1kΩ, VIS=5Vp-p
20 Log10 VOS/VOS (1kHz)-dB (Fig. 4)
40
MHz
Feedthrough - Switch “OFF”
(Frequency at –50 dB)
VDD=5.0V, VCC=VSS= -5.0V, RL=1kΩ,
VIS=5.0VP-P, 20Log10, VOS/VIS= -50dB,
(Fig. 4)
1.25
MHz
Crosstalk Between Any Two
Switches(Frequency at-50dB)
VDD=VC(A)=5.0V; VSS=VC (B)=5.0V,
RL=1kΩ, VIS(A)=5.0VP-P, 20Log10,
VOS(B)/VIS (A)= -50dB (Fig. 5)
0.9
MHz
Crosstalk; Control Input to
Signal Output
VDD=10V, RL=10kΩ, RIN=1.0kΩ,
VCC=10V Square Wave, CL=50pF
(Fig. 6)
150
mVp-p
Maximum Control Input
RL=1.0kΩ, CL=50pF (Fig. 7)
VOS (f) =1/2Vos (1.0kHz)
VDD=5.0V
6.0
MHz
VDD=10V
8.0
VDD=15V
8.5
Signal Input Capacitance
CIS
8.0
pF
Signal Output Capacitance
COS
VDD=10V
8.0
pF
Feedthrough Capacitance
CIOS
VC=0V
0.5
pF
Control lnput Capacitance
CIN
5.0
7.5
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com