Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4066G-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 4066G-P14-R
Description  QUAD BILATERAL SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4066G-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  4066G-P14-R Datasheet HTML 1Page - Unisonic Technologies 4066G-P14-R Datasheet HTML 2Page - Unisonic Technologies 4066G-P14-R Datasheet HTML 3Page - Unisonic Technologies 4066G-P14-R Datasheet HTML 4Page - Unisonic Technologies 4066G-P14-R Datasheet HTML 5Page - Unisonic Technologies 4066G-P14-R Datasheet HTML 6Page - Unisonic Technologies 4066G-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-009.F
ABSOLUTE MAXIMUM RATINGS (VSS=0V, unless otherwise specified))
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.5 ~ +18
V
Input Voltage
VIN
-0.5 ~ VCC+0.5
V
Power Dissipation
DIP-14
PD
700
mW
SOP-14/TSSOP-14
500
Junction Temperature
TJ
+125
C
Storage Temperature
TSTG
-40 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (VSS=0V, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
3 ~ 15
V
Input Voltage
VIN
0 ~ VDD
V
Operating Temperature Range
TOPR
-40 ~ +85
C
DC ELECTRICAL CHARACTERISTICS (VSS=0V, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNIT
Quiescent Device Current
IDD
VDD=5V
0.01
1.0
μA
VDD=10V
0.01
2.0
VDD=15V
0.01
4.0
SIGNAL INPUTS AND OUTPUTS
Input or Output Leakage Switch
“OFF”
IIS
VC=0
±0.1
±50
nA
“ON” Resistance
RON
RL=10kΩ~ (VDD-VSS/2)
VC=VDD, VSS ~ VDD
VDD=5V
270 1050
Ω
VDD=10V
120
400
VDD=15V
80
240
∆”ON” Resistance Between Any 2 of
4 Switches
∆RON
RL=10kΩ~ (VDD-VSS/2)
VC=VDD, VIS=VSS ~VDD
VDD=10V
10
Ω
VDD=15V
5
CONTROL INPUTS
Low Level Input Voltage
VILC
VIS=VSS and VDD
VOS=VDD and VSS
IIS=±10μA
VDD=5V
2.25
1.5
V
VDD=10V
4.5
3.0
VDD=15V
6.75
4.0
HIGH Level Input Voltage
VIHC
VDD=5V
3.5
2.75
V
VDD=10V (Note)
7.0
5.5
VDD=15V
11.0 8.25
Input Current
IIN
VDD-VSS=15V, VDD≧VIS≧VSS,
VDD≧VC≧VSS
±10
-5
±0.3
μA
Note: Conditions for VIHC: (a) VIS=VDD, IOS=standard B series IOH. (b) VIS=0V, IOL=standard B series IOL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com