Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7623-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # A7623-S08-R
Description  DRIVER IC WITH 3 INTERNAL CIRCUITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A7623-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  A7623-S08-R Datasheet HTML 1Page - Unisonic Technologies A7623-S08-R Datasheet HTML 2Page - Unisonic Technologies A7623-S08-R Datasheet HTML 3Page - Unisonic Technologies A7623-S08-R Datasheet HTML 4Page - Unisonic Technologies A7623-S08-R Datasheet HTML 5Page - Unisonic Technologies A7623-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A7623
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R121-014,A
PIN DESCRIPTIONS
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground connection
2
IN1
3
IN2
4
IN3
Direct-coupling input
Input composite/component video (RGB) signals.
The operating input signal level is 0.5V to 3.8V.
5
VCC
Power supply
6
OUT3
7
OUT2
8
OUT1
Direct-coupling output
When short to ground a protection circuit operates, and the IC enters power-save
mode.
BLOCK DIAGRAM
GND
IN1
IN2
IN3
VCC
OUT3
OUT2
OUT1
5
6
7
8
4
3
2
1
75Ω
driver
75Ω
driver
75Ω
driver



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com