Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3355G-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M3355G-P08-R
Description  2-INPUT SINGLE VIDEO SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3355G-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M3355G-P08-R Datasheet HTML 1Page - Unisonic Technologies M3355G-P08-R Datasheet HTML 2Page - Unisonic Technologies M3355G-P08-R Datasheet HTML 3Page - Unisonic Technologies M3355G-P08-R Datasheet HTML 4Page - Unisonic Technologies M3355G-P08-R Datasheet HTML 5Page - Unisonic Technologies M3355G-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M3355
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R124-001.Ba
2-INPUT SINGLE VIDEO
SWITCH
DESCRIPTION
The UTC M3355 is 2-input signal video switch selecting one of
two video or audio signals. Its operating voltage is 4.75 ~ 13V and
bandwidth is 10MHz. Crosstalk is 70dB (at 4.43MHz). It is applied
to both NTSC and PAL VTR.
FEATURES
* Operating Voltage: +4.75V ~ +13V
* 2 Input-1 Output
* Crosstalk 70dB (at 4.43MHz)
DIP-8
SOP-8
TSSOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
M3355L-S08-R
M3355G-S08-R
SOP-8
Tape Reel
M3355L-S08-T
M3355G-S08-T
SOP-8
Tube
M3355L-D08-T
M3355G-D08-T
DIP-8
Tube
M3355L-P08-R
M3355G-P08-R
TSSOP-8
Tape Reel
M3355L-S08-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel, T: Tube
(2) S08: SOP-8, D08: DIP-8, P08: TSSOP-8
(3) G: Halogen Free, L: Lead Free
(3)Lead Free


Similar Part No. - M3355G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M3355G-P08-R UTC-M3355G-P08-R Datasheet
169Kb / 6P
2-INPUT SINGLE VIDEO SWITCH
More results

Similar Description - M3355G-P08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2233B NJRC-NJM2233B Datasheet
253Kb / 8P
2-INPUT SINGLE VIDEO SWITCH
NJM2283 NJRC-NJM2283 Datasheet
325Kb / 11P
2-INPUT 3CHANNEL VIDEO SWITCH
NJM2503 NJRC-NJM2503 Datasheet
164Kb / 4P
3-INPUT/2-INPUT VIDEO SWITCH
NJM2506 NJRC-NJM2506 Datasheet
342Kb / 10P
3-INPUT/2-INPUT VIDEO SWITCH?
NJM2508 NJRC-NJM2508 Datasheet
338Kb / 10P
3-INPUT/2-INPUT VIDEO SWITCH?
NJM2513 NJRC-NJM2513 Datasheet
191Kb / 4P
3-INPUT/2-INPUT VIDEO SWITCH?
NJM2523 NJRC-NJM2523 Datasheet
190Kb / 4P
3-INPUT 2-INPUT VIDEO SWITCH???
logo
Mitsumi Electronics, Co...
MM1120 MITSUMI-MM1120 Datasheet
126Kb / 5P
2-Input 2-Output Video Switch
logo
Unisonic Technologies
M3355 UTC-M3355 Datasheet
66Kb / 8P
2-INPUT SINGLE VIDEO SWITCH
M3355 UTC-M3355_11 Datasheet
169Kb / 6P
2-INPUT SINGLE VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com