Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK1812-AE3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # SK1812-AE3-R
Description  BIPOLAR LATCH TYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK1812-AE3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  SK1812-AE3-R Datasheet HTML 1Page - Unisonic Technologies SK1812-AE3-R Datasheet HTML 2Page - Unisonic Technologies SK1812-AE3-R Datasheet HTML 3Page - Unisonic Technologies SK1812-AE3-R Datasheet HTML 4Page - Unisonic Technologies SK1812-AE3-R Datasheet HTML 5Page - Unisonic Technologies SK1812-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SK1812
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R118-008,A
TYPICAL CHARACTERISTICS
Switch Points
-30
-20
-10
0
10
20
30
0
255575
95
Ambient Temperature IN ℃
Hysteresis
34
35
36
37
38
39
40
41
42
43
0
25557595
Ambient Temperature IN ℃
Output Saturation Voltage
195
200
205
210
215
220
225
230
235
0
25
557595
Anbient Temperature IN ℃
Vo(sat) - Io
5.5
12.5
19.0
25.0
30.0
35.0
37.0
39.0
41.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Voltage ( V )
Sink
Vin - Icc
3.48
3.55
3.65
3.70
3.73
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3
5
12
15
20
Voltage ( V )
Icc
Supply Current
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
3.50
3.60
3.70
0
25
557595
Ambient Temperature IN ℃
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com