Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7612L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M7612L-S08-R
Description  VIDEO SIGNAL SWITCHER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M7612L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  M7612L-S08-R Datasheet HTML 1Page - Unisonic Technologies M7612L-S08-R Datasheet HTML 2Page - Unisonic Technologies M7612L-S08-R Datasheet HTML 3Page - Unisonic Technologies M7612L-S08-R Datasheet HTML 4Page - Unisonic Technologies M7612L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M7612
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R124-004,A
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
SIP-8
13.5
Power Supply Voltage
SOP-8
VCC
10.0
V
SIP-8
900
Power Dissipation
SOP-8
PD
550
mW
Operating Temperature
TOPR
0 ~ +70
Storage Temperature
TSTG
-40 ~ +150
ELECTRICAL CHARACTERISTICS (Ta=25℃, Vcc=5V, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SIP-8
4.5
13.0
V
Operating Voltage Range
SOP-8
VCC
4.5
9.5
V
Supply Current
ICC
20.5
29.0
mA
Maximum Output Level
VOM
f=1kHz, THD=0.5%
3.0
3.5
Vp-p
Voltage Gain
GV
f=1MHz, VIN=1.0Vp-p
5.5
6.0
6.5
dB
Interchannel Crosstalk
CT
f=4.43MHz, VIN=1.0Vp-p
-65
dB
Frequency Characteristic
CF
f=10MHz/1MHz, VIN=1.0Vp-p
-3.0
0
1.0
dB
Input Impedance
ZIN
14
20
26
kΩ
CTL Pin Switching Level A
VTH-A
1.0
2.0
3.0
V
CTL Pin Switching Level B
VTH-B
1.0
2.0
3.0
V
*Not designed for radiation resistance.
MEASUREMENT CONDITIONS
SWITCH SETTINGS
PARAMETER
SYMBOL
SW1
SW2
SW3
SW4
SW5
MEASUREMENT
METHOD
Current Dissipation
ICC
2
2
2
2
2
Ammeter
Maximum Output
Level
IN1
IN2
IN3
VOM
VOM
VOM
1
2
2
2
1
2
2
2
1
3
3
2
3
2
3
f=1kHz, THD=0.5%
see Test Notes 2
Voltage Gain
IN1
IN2
IN3
GV
GV
GV
1
2
2
2
1
2
2
2
1
3
3
2
3
2
3
f=1MHz, V=1Vp-p
see Test Notes 3
Interchannel
Crosstalk
IN1→IN2
IN1→IN3
IN1→MUTE
IN2→IN3
IN2→MUTE
IN3→MUTE
CT
CT
CT
CT
CT
CT
1
1
1
2
2
2
2
2
2
1
1
2
2
2
2
2
2
1
3
2
2
2
2
2
2
3
2
3
2
2
f=4.43MHz, V=1Vp-p
see Test Notes 4
Frequency
Characteristic
IN1
IN2
IN3
GF
GF
GF
1
2
2
2
1
2
2
2
1
3
3
2
3
2
3
f=10MHz/f=1MHz
V=1Vp-p
see Test Notes 5
CTL Pin Switching
Level
CTL A
CTL B
VTH
VTH
2
2
2
1
1
2
1
3
3
1
see Test Notes 6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com