Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK1816AG-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK1816AG-AE3-R
Description  BIPOLAR LATCH TYPE HALL EFFECT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK1816AG-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SK1816AG-AE3-R Datasheet HTML 1Page - Unisonic Technologies SK1816AG-AE3-R Datasheet HTML 2Page - Unisonic Technologies SK1816AG-AE3-R Datasheet HTML 3Page - Unisonic Technologies SK1816AG-AE3-R Datasheet HTML 4Page - Unisonic Technologies SK1816AG-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK1816A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R118-018.B
BIPOLAR LATCH TYPE HALL
EFFECT FOR
HIGH-TEMPERATURE
OPERATION
DESCRIPTION
The UTC SK1816A is a semiconductor integrated circuit utilizing
the Hall effect. It designed to operate in the alternating magnetic field
especially at low supply voltage and operation over extended
temperature ranges to +125°С.
This Hall IC is suitable for application to various kinds of sensors,
contact-less switches, such as Speed sensor, Position sensor,
Rotation sensor, Contact-less sensor, and Motor control.
FEATURES
* Wide Supply Voltage Range of 2.5V to 20V
* Wide Temperature Operation Range of -30°С ~+125°С
* Alternating Magnetic Field Operation
* Built-in Protection Diode
* TTL and MOS IC are Directly Drivable by the Output
* The life is Semi Permanent because it Employs Contact-Less Parts
SOT-23
(EIAJ SC-59)
1
2
3
SIP-3
1
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
SK1816AG-AE3-R
SOT-23
O
I
G
Tape Reel
SK1816AG-G03-B
SIP-3
I
G
O
Tape Box
SK1816AG-G03-K
SIP-3
I
G
O
Bulk
Note: Pin Assignment: I: VCC
O: VOUT
G: GND
MARKING
SIP-3
SOT-23


Similar Part No. - SK1816AG-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1816AG-AE3-R UTC-SK1816AG-AE3-R Datasheet
197Kb / 5P
BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - SK1816AG-AE3-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52040HFV ROHM-BU52040HFV Datasheet
199Kb / 5P
Bipolar latch type Hall effect IC
logo
Infineon Technologies A...
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
logo
Allegro MicroSystems
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
Hall Effect Latch / Bipolar Switch
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
Hall Effect Latch / Bipolar Switch
logo
Unisonic Technologies
SK1816 UTC-SK1816_15 Datasheet
278Kb / 8P
BIPOLAR LATCH TYPE HALL EFFECT
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
BIPOLAR LATCH TYPE HALL EFFECT
U18 UTC-U18_15 Datasheet
62Kb / 6P
BIPOLAR LATCH TYPE HALL EFFECT
logo
Allegro MicroSystems
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
Hall-Effect Latch / Bipolar Switch
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com