Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK8509G-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # SK8509G-AE3-R
Description  HALL-EFFECT SENSOR IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK8509G-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  SK8509G-AE3-R Datasheet HTML 1Page - Unisonic Technologies SK8509G-AE3-R Datasheet HTML 2Page - Unisonic Technologies SK8509G-AE3-R Datasheet HTML 3Page - Unisonic Technologies SK8509G-AE3-R Datasheet HTML 4Page - Unisonic Technologies SK8509G-AE3-R Datasheet HTML 5Page - Unisonic Technologies SK8509G-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SK8509
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R118-010,E
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
7V
V
Supply Current
ICC
10
mA
Operating Ambient Temperature
TOPR
-20~+85
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, VCC=5V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Operating Voltage
VCC
4
7
V
Quiescent Output Voltage
VOUT
B=0G
2.25
2.50
2.75
V
Supply Current
ICC
3
10
mA
Sensitivity
∆VOUT
B=0G ~ ±900G
0.75
1.30
1.75 mV/G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com