Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK8552L-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # SK8552L-AF5-R
Description  LOW VOLTAGE OPERATION HALL IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK8552L-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  SK8552L-AF5-R Datasheet HTML 1Page - Unisonic Technologies SK8552L-AF5-R Datasheet HTML 2Page - Unisonic Technologies SK8552L-AF5-R Datasheet HTML 3Page - Unisonic Technologies SK8552L-AF5-R Datasheet HTML 4Page - Unisonic Technologies SK8552L-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SK8552
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R118-006,F
ABSOLUTE MAXIMUM RATINGS (TA = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
3~20
V
Supply Current
ICC
10
mA
Output Current
IOUT
10
mA
Power Dissipation
SIP-3
PD
400
mW
SOT-25
200
mW
Junction Temperature
TJ
+125
C
Operating Temperature
TOPR
-20~ +125
C
Storage Temperature
TSTG
-55~+150
C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA = 25℃)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX UNIT
Output voltage SH
VOHS
VCC =3V,IOUT =-10μA,B=100G
2.8
3
V
Output voltage NH
VOHN
VCC =3V,IOUT =-10μA,B=-100G
2.8
3
V
Output voltage SL
VOLS
VCC =3V, IOUT =1mA,B=5G
0.7
V
Output voltage NL
VOLN
VCC =3V, IOUT =1mA,B=-5G
0.7
V
Output current 1
IOHS
VCC =3V,VOUT =3V , B=100G
10
mA
Output current 2
IOHN
VCC =3V,VOUT =3V , B=-100G
10
mA
Supply current
ICC
VCC =3V, B=5G
5
mA
Output switching time
TR
5
μS
TF
1
μS
MAGNETIC CHARACTERISTICS
(over operating supply voltage range)
Operating magnetic flux density
BHLS
VCC =3V
20
G
Operating magnetic flux density
BHLN
VCC =3V
-20
G
Operating magnetic flux density
BLHS
VCC =3V
100
G
Operating magnetic flux density
BLHN
VCC =3V
-100
G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com