Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK8552G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK8552G-AF5-R
Description  LOW VOLTAGE OPERATION HALL IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK8552G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SK8552G-AF5-R Datasheet HTML 1Page - Unisonic Technologies SK8552G-AF5-R Datasheet HTML 2Page - Unisonic Technologies SK8552G-AF5-R Datasheet HTML 3Page - Unisonic Technologies SK8552G-AF5-R Datasheet HTML 4Page - Unisonic Technologies SK8552G-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK8552
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R118-006,F
LOW VOLTAGE OPERATION
HALL IC
DESCRIPTION
SK8552 is a semiconductor integrated circuit utilizing the Hall
effect. It has been so designed as to operate in the alternating
magnetic field especially at low supply voltage and operation over
extended temperature ranges to +125 .This Hall IC is suitable
℃
for application to various kinds of sensors, contact-less switches,
and the like.
FEATURES
* Wide supply voltage range of 3V to 20V
* Wide temperature operation range of -20 ~+125
℃℃
* TTL and MOS IC are directly drivable by the output
* The life is semipermanent because it employs contactless parts
* Equipped with an output pull-up resistor ( typical 20kΩ)
APPLICATION
* Position sensor
* Contact-less sensor
* Detection of cover (open/close)
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1234
5
SK8552L-AF5-R
SK8552G-AF5-R
SOT-25
G
G
O
I
N
Tape Reel
SK8552L-G03-B
SK8552G-G03-B
SIP-3
I
G
O
-
-
Tape Box
SK8552L-G03-K
SK8552G-G03-K
SIP-3
I
G
O
-
-
Bulk
Note: Pin Assignment: I: VCC O:VOUT G:GND
N: No Connection


Similar Part No. - SK8552G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK8552G-AF5-R UTC-SK8552G-AF5-R Datasheet
166Kb / 5P
LOW VOLTAGE OPERATION HALL IC
More results

Similar Description - SK8552G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8798MS PANASONIC-DN8798MS Datasheet
39Kb / 4P
3 V operation Hall IC
DN8799MS PANASONIC-DN8799MS Datasheet
39Kb / 4P
3 V operation Hall IC
DN8797MS PANASONIC-DN8797MS Datasheet
197Kb / 11P
3V operation Hall IC One-way magnetic field operation
logo
Unisonic Technologies
SK8552 UTC-SK8552 Datasheet
218Kb / 5P
LOW VOLTAGE OPERATION HALL IC
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
Low-voltage operation photo IC Operation at low voltage from 2.2 V
logo
Unisonic Technologies
SK8552 UTC-SK8552_12 Datasheet
166Kb / 5P
LOW VOLTAGE OPERATION HALL IC
logo
Hamamatsu Corporation
S7610-10 HAMAMATSU-S7610-10_15 Datasheet
178Kb / 6P
Low-voltage operation photo IC
logo
Seiko Instruments Inc
S5712A SII-S5712A Datasheet
2Mb / 43P
LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5712E SII-S5712E Datasheet
1Mb / 31P
HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5717 SII-S5717 Datasheet
1Mb / 19P
LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com