Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL084G-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TL084G-S14-R
Description  LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL084G-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  TL084G-S14-R Datasheet HTML 1Page - Unisonic Technologies TL084G-S14-R Datasheet HTML 2Page - Unisonic Technologies TL084G-S14-R Datasheet HTML 3Page - Unisonic Technologies TL084G-S14-R Datasheet HTML 4Page - Unisonic Technologies TL084G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TL084
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R105-035,b
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage (Note 2)
VCC
±18
V
Input Voltage (Note 3)
VIN
±15
V
Differential Input Voltage (Note 4)
VI(DIFF)
±30
V
Power Dissipation
PD
680
mW
Output Short-Circuit Duration (Note 5)
Infinite
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1.
2.
3.
4.
5.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the
supply voltages where the zero reference level is the midpoint between VCC- and VCC+.
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts,
whichever is less.
Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal.
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be
limited to ensure that the dissipation rating is not exceeded.
ELECTRICAL CHARACTERISTICS (VCC=±15V, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
RS≦10kΩ, VCM=0V
5
15
mV
Temperature Coefficient of Input
Offset Voltage
ΔVI(OFF)
RS=50Ω
10
μV/
°C
Input Offset Current (Note)
II(OFF)
VCM=0V
5
200
pA
Input Bias Current (Note1)
II(BIAS)
VCM=0V
30
400
pA
Input Common Mode Voltage
VI(CM)
±10
-12~+15
V
Output Voltage Swing
VO(SW)
RL=10kΩ
24
28
V
Large Signal Voltage Gain
GV
RL≧2kΩ, VOUT=±10V
25
150
V/mV
Gain Bandwidth Product
GBW
1
MHz
Input Resistance
RIN
10
12
Ω
Common Mode Rejection Ratio
CMR
RS≦10kΩ
70
100
dB
Supply Voltage Rejection Ratio
SVR
RS≦10kΩ
70
100
dB
Supply Current
ICC
No Load
1.4
2.8
mA
Channel Separation
V01/V02
GV=100
120
dB
Slew Rate
SR
VIN=10V, RL=2kΩ, CL=100pF,
unity gain
2.0
V/μs
Rise Time
tR
0.1
μs
Overshoot Factor
KOV
VIN=20mV, RL=2kΩ, CL=100pF,
unity gain
10
%
Equivalent Input Noise Voltage
eN
RS=100Ω, f=1KHz
25
Note: The Input bias currents are junction leakage currents, which approximately double for every 10
°C increase in
the junction temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com