Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U7SB3157G-SM2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U7SB3157G-SM2-R
Description  SPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7SB3157G-SM2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U7SB3157G-SM2-R Datasheet HTML 1Page - Unisonic Technologies U7SB3157G-SM2-R Datasheet HTML 2Page - Unisonic Technologies U7SB3157G-SM2-R Datasheet HTML 3Page - Unisonic Technologies U7SB3157G-SM2-R Datasheet HTML 4Page - Unisonic Technologies U7SB3157G-SM2-R Datasheet HTML 5Page - Unisonic Technologies U7SB3157G-SM2-R Datasheet HTML 6Page - Unisonic Technologies U7SB3157G-SM2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
U7SB3157
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-604.a
SWITCHING CHARACTERISTICS (Ta = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V+=1.65 ~ 1.95V
7
24
ns
V+=2.3 ~ 2.7V
3.5
14
ns
V+=3.0 ~ 3.6V
2.5
7.6
ns
Turn ON Time
tON
V+=4.5 ~ 5.5V
CL=50pF
RL=500Ω
1.7
5.7
ns
V+=1.65 ~ 1.95V
3
13
ns
V+=2.3 ~ 2.7V
2
7.5
ns
V+=3.0 ~ 3.6V
1.5
5.3
ns
Turn OFF Time
tOFF
V+=4.5 ~ 5.5V
CL=50pF
RL=500Ω
0.8
3.8
ns
V+=1.65 ~ 1.95V
0.5
ns
V+=2.3 ~ 2.7V
0.5
ns
V+=3.0 ~ 3.6V
0.5
ns
Break-Before-Make Time
tBBM
V+=4.5 ~ 5.5V
CL=35pF
RL=50Ω
0.5
ns
V+=3.3V
3
pC
Charge Injection
QC
V+=5V
CL=0.1nF
RL=1MΩ
7
pC
Bandwith
BW
V+=1.65 ~ 5.5V
RL=50Ω
220
MHz
V+=1.8V
-60
dB
V+=2.3V
-65
dB
V+=3V
-65
dB
OFF Isolation
OISO
V+=4.5V
RL=50Ω
f=10MHz
-65
dB
V+=1.8V
-66
dB
V+=2.3V
-66
dB
V+=3V
-66
dB
Crosstalk
XTALK
V+=4.5V
RL=50Ω
f=10MHz
-66
dB
V+=1.8V
0.015
%
V+=2.3V
0.025
%
V+=3V
0.015
%
Total Harmonic Distortion
THD
V+=4.5V
CL=50pF
RL=600Ω
f=600Hz~20kHz
0.01
%
CAPACITANCE CHARACTERISTICS (Ta=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NC,NO OFF Capacitance
CNC(OFF)
CNO(OFF)
V+ = 5V
VNO or VNC= V+ or GND
5.5
pF
NC,NO ON Capacitance
CNC(ON)
CNO(ON)
V+ = 5V
VNO or VNC= V+ or GND
17.5
pF
COM ON Capacitance
CCOM(ON)
V+ = 5V
VCOM = V+ or GND
17.5
pF
Digital Input Capacitance
CIN
V+ = 5V
VIN = V+ or GND
2.8
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com