Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC856B
Description  PNP Small Signal Transistor 310mW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC856B Datasheet(HTML) 1 Page - Micro Commercial Components

  BC856B Datasheet HTML 1Page - Micro Commercial Components BC856B Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Ideally Suited for Automatic Insertion
l 150
oC Junction Temperature
l For Switching and AF Amplifier Applications
Mechanical Data
l Case: SOT-23, Molded Plastic
l Terminals: Solderable per MIL-STD-202, Method 208
l Polarity: See Diagram
l Weight: 0.008 grams ( approx.)
Type
Marking
Type
Marking
BC856A
3A
BC857C
3G
BC856B
3B
BC858A
3J
BC857A
3E
BC858B
3K
BC857B
3F
BC858C
3L
Marking Code (Note 2)
Maximum Ratings @ 25oC Unless Otherwise Specified
Charateristic
Symbol
Value
Unit
Collector-Base Voltage
BC856
BC857
BC858
VCBO
-80
-50
-30
V
Collector-Emitter Voltage
BC856
BC857
BC858
VCEO
-65
-45
-30
V
Emitter-Base Voltage
V EBO
-5.0
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Peak Emitter Current
IEM
-200
mA
Power Dissipation@Ts=50
oC(Note1)
P d
310
mW
Operating & Storage Temperature
Tj, TSTG -55~150
oC
Note:
1.
Package mounted on ceramic substrate 0.7mm X 2.5cm2 area.
2.
Current gain subgroup “C” is not available for BC856
BC856A
THRU
BC858C
PNP Small
Signal Transistor
310mW
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
SOT-23
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - BC856B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856B PHILIPS-BC856B Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 12
logo
Transys Electronics
BC856B TRSYS-BC856B Datasheet
363Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Siemens Semiconductor G...
BC856B SIEMENS-BC856B Datasheet
271Kb / 8P
PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC856B FAIRCHILD-BC856B Datasheet
68Kb / 5P
Switching and Amplifier Applications
logo
Diodes Incorporated
BC856B DIODES-BC856B Datasheet
44Kb / 3P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 12 - 2
More results

Similar Description - BC856B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Mar-1996
logo
General Semiconductor
MMBT2907A GE-MMBT2907A Datasheet
65Kb / 3P
Small Signal Transistor (PNP)
logo
Micro Commercial Compon...
BC817-16 MCC-BC817-16 Datasheet
255Kb / 3P
NPN Small Signal Transistor 310mW
BC846A MCC-BC846A Datasheet
105Kb / 2P
NPN Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_08 Datasheet
243Kb / 4P
NPN Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_11 Datasheet
384Kb / 4P
NPN Small Signal Transistor 310mW
BC856A MCC-BC856A_11 Datasheet
201Kb / 3P
PNP Small Signal Transistor 310mW
logo
Taiwan Semiconductor Co...
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
PNP Small Signal Transistor
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
PNP Small Signal Transistor
logo
Micro Commercial Compon...
BC817-16 MCC-BC817-16_13 Datasheet
466Kb / 4P
NPN Small Signal Transistor 310mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com