Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4052L-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC4052L-S16-R
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4052L-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC4052L-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4052L-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4052L-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4052L-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4052L-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4052L-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4052L-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4052L-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4052L-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
U74HC4052
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-243.C
STATIC CHARACTERISTICS(Cont.) (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2V,VEE=0V, IS=100uA, VIS=VCC
to VEE, VIN=VIH or VIL,
Ω
VCC=4.5V,VEE=0V, IS=1mA, VIS=VCC
to VEE, VIN=VIH or VIL,
100
225
Ω
VCC=6V,VEE=0V, IS=1mA, VIS=VCC
to VEE, VIN=VIH or VIL
90
200
Ω
PEAK
RON(PEAK)
VCC=4.5V,VEE=-4.5V, IS=1mA,
VIS=VCC to VEE, VIN=VIH or VIL
70
165
Ω
VCC=2V,VEE=0V, IS=100uA,
VIS= VEE, VIN=VIH or VIL,
150
Ω
VCC=4.5V,VEE=0V, IS=1mA,
VIS= VEE, VIN=VIH or VIL,
80
175
Ω
VCC=6V,VEE=0V, IS=1mA,
VIS= VEE, VIN=VIH or VIL
70
150
Ω
VCC=4.5V,VEE=-4.5V, IS=1mA,
VIS= VEE, VIN=VIH or VIL
60
130
Ω
VCC=2V,VEE=0V, IS=100uA,
VIS= VCC, VIN=VIH or VIL,
150
Ω
VCC=4.5V,VEE=0V, IS=1mA,
VIS= VCC, VIN=VIH or VIL,
90
200
Ω
VCC=6V,VEE=0V, IS=1mA,
VIS= VCC, VIN=VIH or VIL
80
175
Ω
ON-Resistance
RAIL
RON(RAIL)
VCC=4.5V,VEE=-4.5V, IS=1mA,
VIS= VCC, VIN=VIH or VIL
65
150
Ω
VCC=2V,VEE=0V, VIS=VCC to VEE,
VIN=VIH or VIL,
Ω
VCC=4.5V,VEE=0V, VIS=VCC to VEE,
VIN=VIH or VIL,
9
Ω
VCC=6V,VEE=0V, VIS=VCC to VEE,
VIN=VIH or VIL
8
Ω
Maximum On-Resistance
Difference Between Any Two
Channels
ΔRON
VCC=4.5V,VEE=-4.5V,
VIS=VCC to VEE, VIN=VIH or VIL
6
Ω
DYNAMIC CHARACTERISTICS (Ta=25°C, GND=0V; tR=tF=6ns; CL=50pF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2V, VEE=0V, RL=∞
14
75
ns
VCC=4.5V, VEE=0V, RL=∞
5
15
ns
VCC=6V, VEE=0V, RL=∞
4
13
ns
Propagation Delay From VIS to
VOS
tPHL/tPLH
VCC=4.5V, VEE=-4.5V, RL=∞
4
10
ns
VCC=2V, VEE=0V, RL=∞
105
405
ns
VCC=4.5V, VEE=0V, RL=∞
38
81
ns
VCC=6V, VEE=0V, RL=∞
30
69
ns
Turn-ON Time E Sn to VOS
tPZH/tPZL
VCC=4.5V, VEE=-4.5V, RL=∞
26
58
ns
VCC=2V, VEE=0V, RL=1k
74
315
ns
VCC=4.5V, VEE=0V, RL=1k
27
63
ns
VCC=6V, VEE=0V, RL=1k
22
54
ns
Turn-OFF Time E Sn to VOS
tPHZ/tPLZ
VCC=4.5V, VEE=-4.5V, RL=1k
22
48
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com