Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4052G-S16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # U74HC4052G-S16-R
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4052G-S16-R Datasheet(HTML) 7 Page - Unisonic Technologies

  U74HC4052G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4052G-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
U74HC4052
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-243.C
TEST CIRCUIT AND WAVEFORMS(Cont.)
Waveforms showing the Input (VIS) to Output (VOS) propagation delays
Waveforms showing the turn-on and turn-off times.
Vos Output
tPHZ
tPZH
tPLZ
tPZL
Vos Output
E,Sn Input
50%
90%
10%
tTLH
tTHL
10%
90%
50%
50%
Swith ON
Swith OFF
Swith ON
Note: VIN=GND to VCC
50%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com