Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4052G-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC4052G-P16-R
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4052G-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC4052G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4052G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4052G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4052G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4052G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4052G-P16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4052G-P16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4052G-P16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4052G-P16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
U74HC4052
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-243.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~11
V
VCC or GND Current
ICC
±50
mA
VEE Current
IEE
±20
mA
Input Clamp Current
IIK
±20
mA
Switch Diode Current
ISK
±20
mA
Switch Current
IS
±25
mA
Power Dissipation
500
mW
DIP-16
12
mW/K
Derate above Ta>70°C
SOP-16
8
mW/K
Derate above Ta>60°C
TSSOP-16
PD
5.5
mW/K
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNIT
VCC-GND
2.0
5.0
10.0
V
Supply Voltage
VCC
VCC-VEE
2.0
5.0
10.0
V
Input Voltage
VIN
GND
VCC
V
Switch voltage
VS
VEE
VCC
V
VCC=2.0V
6.0
1000
ns
VCC=4.5V
6.0
500
ns
VCC=6.0V
6.0
400
ns
Input Transition Rise or Fall Rate
tR, tF
VCC=10.0V
6.0
250
ns
Operating Temperature
TA
-40
+85
°C
STATIC CHARACTERISTICS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VCC=2.0V
1.5
1.2
V
VCC=4.5V
3.15
2.4
V
VCC=6.0V
4.2
3.2
V
High-Level Input Voltage
VIH
VCC=9.0V
6.3
4.7
V
VCC=2.0V
0.8
0.5
V
VCC=4.5V
2.1
1.35
V
VCC=6.0V
2.8
1.8
V
Low-Level Input Voltage
VIL
VCC=9.0V
4.3
2.7
V
per channel
±1
µA
Analog switch OFF-state current
IS(OFF)
VCC=10V, VEE=0V,
VIN=VIH or VIL
|VS |=VCC - VEE
all channels
±2
µA
Analog switch ON-state current
IS(ON)
VCC=10V, VEE=0V, VIN=VIH or VIL
|VS |=VCC - VEE
±2.0
µA
VCC=6V, VEE=0V, VIN=VCC or GND
±1.0
µA
Input Leakage Current
II(LEAK)
VCC=10V, VEE=0V, VIN=VCC or GND
±2.0
µA
VCC=6V, VEE=0V
80
µA
Quiescent Supply Current
IQ
VIN=VCC or GND
VIS=VEE or VCC
VOS=VCC or VEE
VCC=10V,VEE=0V
160
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com