Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U7313L-S28-R Datasheet(PDF) 13 Page - Unisonic Technologies

Part # U7313L-S28-R
Description  AUDIO PROCESSOR IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7313L-S28-R Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button U7313L-S28-R Datasheet HTML 6Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 7Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 8Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 9Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 10Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 11Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 12Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 13Page - Unisonic Technologies U7313L-S28-R Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
U7313
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
13 of 14
www.unisonic.com.tw
QW-R502-173.B
TYPICAL CHARACTERISTICS
Figure 1: Volume+Loudness attenuation vs. Frequency vs. Volume control (C10,C11=100nF)
Figure 2: Volume+Loudness attenuation vs. Frequency vs. External Capacitor (Volume=-40dB)
Figure 3: Tone response(bass and treble control vs. amplitude-frequency response)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com