Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH8100AG-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UH8100AG-AE3-R
Description  LOW POWER HALL EFFECT SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8100AG-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UH8100AG-AE3-R Datasheet HTML 1Page - Unisonic Technologies UH8100AG-AE3-R Datasheet HTML 2Page - Unisonic Technologies UH8100AG-AE3-R Datasheet HTML 3Page - Unisonic Technologies UH8100AG-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UH8100
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-413.E
ABSOLUTE MAXIMUM RATING (T
A=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Magnetic Flux Density
B
Unlimited
mT
Supply Voltage
VDD
7
V
Output Current
IO
10
mA
Package Power Dissipation
PD
230
mW
Junction Temperature
TJ
150
°C
Operation Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (T
A=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
Operating
2.5
5.5
V
ELECTRICAL CHARACTERISTICS (T
A=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Output On Voltage
VOUT
VDD=3V, IOUT=1mA
0.1
0.3
V
Output Leakage Current
IOFF
VDD=3V, VOUT=5.5V, B<BRP
0.01
1
uA
Supply Current
IDD(AVG)
VDD=3V,
average supply current
UH8100A
5
10
uA
UH8100B
280
500
uA
Awake Time
TAWAKE
VDD=3V
50
100
us
Period
TPERIOD
VDD=3V,UH8100A
50
100
ms
VDD=3V,UH8100B
200
400
us
Duty Cycle
D.C.
VDD=3V,UH8100A
0.1
%
VDD=3V,UH8100B
25
%
MAGNETIC CHARACTERISTICS ( T
A=25°C, VDD=3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operation Points
|BOP|
40
60
Gauss
Release Points
|BRP|
10
30
Hysteresis
|BOP–BRP|
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com