Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH8100BG-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UH8100BG-AE3-R
Description  LOW POWER HALL EFFECT SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH8100BG-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UH8100BG-AE3-R Datasheet HTML 1Page - Unisonic Technologies UH8100BG-AE3-R Datasheet HTML 2Page - Unisonic Technologies UH8100BG-AE3-R Datasheet HTML 3Page - Unisonic Technologies UH8100BG-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UH8100
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-413.E
LOW POWER HALL EFFECT
SWITCH
DESCRIPTION
UH8100 is a low-power integrated Hall switch designed to sense the
applied magnetic flux density and give a digital output, which indicates
the present condition of the magnitude sensed.
It mainly designed for battery-powered system and hand-held
equipment, such as cellular flip-phones and PDA’s, in which power
consumption is one major concern. The typical power consumption of
UH8100 is down to 15uW at 2.75V supply.
For UH8100, the output will be high when no magnetic field is
applied and be low when the applied magnetic flux density is stronger
than the switching threshold. The difference between UH8100A and
UH8100B is that UH8100A consumes less power than UH8100B in the
Hall sensor operation.
FEATURES
* Micro power Operation
* 2.5V to 5.5V Battery Operation
* Offset Canceling Technology
* Superior Temperature Stability
* Extremely Low Switch-Point Drift
* Insensitive to Physical Stress
SOT-23
(EIAJ SC-59)
1
2
3
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
UH8100AG-AE3-R
SOT-23
O
I
G
Tape Reel
UH8100BG-AE3-R
SOT-23
O
I
G
Tape Reel
Note:
Pin Assignment: O: VOUT, I: VDD, G: GND
MARKING
UH8100A
UH8100B


Similar Part No. - UH8100BG-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8100BG-AE3-R UTC-UH8100BG-AE3-R Datasheet
153Kb / 6P
LOW POWER HALL EFFECT SWITCH
More results

Similar Description - UH8100BG-AE3-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182 Datasheet
210Kb / 9P
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
AH182 DIODES-AH182_09 Datasheet
141Kb / 10P
LOW POWER HALL EFFECT SWITCH
Rev 8
logo
Unisonic Technologies
UH8100 UTC-UH8100 Datasheet
153Kb / 6P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102 Datasheet
138Kb / 7P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
LOW POWER HALL EFFECT SWITCH
logo
Texas Instruments
TMAG5231 TI-TMAG5231 Datasheet
1Mb / 27P
TMAG5231 Low-Power, Hall Effect Switch
NOVEMBER 2021
TMAG5231 TI-TMAG5231_V01 Datasheet
2Mb / 35P
TMAG5231 Low-Power, Hall Effect Switch
MARCH 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com